전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-60-R

  • AI
    The **REBS-60-R** is an industrial-grade **Regenerative Braking Unit** (often part of a series by manufacturers like Shihlin Electric). Its primary function is to manage the excess energy generated when a motor decelerates, feeding that energy back into the power grid rather than wasting it as heat through a resistor. --- ### 1. Key Electronic Components & Systems The REBS-60-R is composed of several high-power electronic subsystems: | Component | Description | Function | | :--- | :--- | :--- | | **IGBT Modules** | Insulated Gate Bipolar Transistors | The "switches" that convert DC bus voltage back into AC synchronization for the grid. | | **DC Bus Terminals** | Positive (+/P) and Negative (-/N) inputs | Receives high-voltage DC from the Variable Frequency Drive (VFD). | | **Control Logic Board** | Microprocessor-based controller | Monitors grid frequency and phase to ensure the returned energy is synchronized. | | **Phase Detection Circuit** | Voltage and Phase sensors | Ensures the unit only fires when the regenerated voltage exceeds the grid voltage. | | **Heat Sink & Cooling** | Aluminum fins + high-speed fans | Dissipates heat generated during the high-speed switching of IGBTs. | --- ### 2. Technical Specifications Below are the typical electronic ratings for the 60-series regenerative units: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 380V - 480V AC (3-Phase) | | **Capacity** | 60HP / 45kW | | **Braking Torque** | 100% (Continuous), 150% (60 seconds) | | **Efficiency** | > 95% | | **Protection Rating** | IP20 (Typically) | --- ### 3. Functional Operation Logic The electronics within the REBS-60-R follow a specific operational sequence: 1. **Detection:** When a motor slows down, it acts as a generator. This raises the voltage on the VFD's DC bus. 2. **Activation:** Once the DC bus voltage hits a pre-set threshold (e.g., 600V-700V DC), the REBS-60-R's control board activates the IGBTs. 3. **Inversion:** The unit inverts the DC power into 3-phase AC power. 4. **Synchronization:** The control logic ensures the AC output matches the utility grid's sine wave perfectly to prevent short circuits. 5. **Feedback:** The energy flows back into the facility’s electrical system to be used by other machines. --- ### 4. Comparison: Regenerative vs. Resistor Braking | Feature | Resistor Braking (BR) | Regenerative Braking (REBS) | | :--- | :--- | :--- | | **Energy Usage** | Wasted as heat | Recycled to the grid | | **Heat Emission** | High (requires ventilation) | Minimal | | **Cost Savings** | None | High (reduces electricity bill) | | **Safety** | Risk of fire if overheated | High electronic protection |
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for connecting the REBS-60-R to a VFD?
    • ⤷ How does the ROI of a regenerative unit compare to standard braking resistors?
    • ⤷ Can the REBS-60-R handle parallel configurations for higher horsepower motors?