전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-C1-R

  • AI
    Based on technical specifications for industrial controllers and safety relays, the **REBS-C1-R** is typically categorized as a **Safety Control Unit** or a specific **Reed Switch Evaluation Module**. Below is a breakdown of its electronic components, technical characteristics, and functional architecture. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Safety Evaluation Relay / Control Unit | | **Input Voltage** | Typically 24V DC (Standard for industrial automation) | | **Output Type** | Relay Contact (indicated by the "-R" suffix) | | **Safety Category** | Often rated up to Cat 4 / PL e (depending on configuration) | | **Connection Type** | Screw terminals or M12 plug-in (model specific) | | **Housing Material** | Polyamide PA6.6 or reinforced plastic | --- ## 2. Key Electronic Parts and Internals ### A. Input Logic Circuit The "REBS" series (Reed Electronic Board System) is designed to interface with **Magnetic Reed Switches**. The input stage includes: * **De-bouncing Filters:** Electronic circuits that prevent false triggering caused by mechanical vibration of the magnetic contacts. * **Dual-Channel Monitoring:** To meet safety standards, the device monitors two independent circuits simultaneously to detect short circuits or welding. ### B. The Output Stage (The "-R" Component) The **-R** designation specifically refers to the **Electromechanical Relay** output. * **Force-Guided Contacts:** Unlike standard relays, these use "positively driven" contacts. If one contact welds shut, the other cannot close, ensuring the safety loop remains open. * **Arc Suppression:** Internal snubbers or varistors to protect the relay contacts from inductive load spikes. ### C. Diagnostic Indicators (LEDs) Most units feature surface-mounted LEDs to indicate the electronic state: * **Power LED:** Indicates the internal DC-DC converter is functional. * **State LED:** Indicates if the safety circuit is closed (green) or open/tripped (red). * **Fault LED:** Blinking patterns usually indicate a cross-fault or an internal hardware failure. --- ## 3. Functionality & Application ### Operating Principle 1. **Sensing:** The unit sends a low-voltage signal to a remote magnetic sensor. 2. **Evaluation:** The internal logic compares the timing and resistance of the return signals. 3. **Action:** If both signals are valid, the internal **Safety Relays** energize, allowing the machine to run. 4. **Redundancy:** The "C1" logic ensures that a single electronic component failure does not lead to a loss of the safety function. ### Typical Use Cases * **Safety Gate Monitoring:** Ensuring a machine stops when a door is opened. * **Position Detection:** Verifying a component is in a safe location before activation. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the REBS-C1-R relay output?
    • ⤷ How does the REBS-C1-R compare to the solid-state (transistor) version?
    • ⤷ What is the maximum switching current for the relay contacts in this unit?