전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-E4-R

  • AI
    ### Overview of REBS-E4-R The **REBS-E4-R** typically refers to a high-performance **Relay Board** or **Evaluation Board System** used in industrial automation and power management. While specific manufacturers may use this part number for proprietary modules (often associated with brands like *Panasonic* or *IDEC* for relay terminal blocks), it generally functions as a 4-channel relay interface module. --- ### Key Electronic Components The board is composed of several critical electronic sections that allow low-power microcontrollers (like an Arduino or PLC) to control high-power loads. | Component | Function | Description | | :--- | :--- | :--- | | **Relay Units (4x)** | Switching | Electromechanical switches that physically open/close the high-voltage circuit. | | **Flyback Diodes** | Protection | Prevents voltage spikes (back EMF) from damaging the driving circuit when the relay coil de-energizes. | | **Optocouplers** | Isolation | Provides optical isolation between the control input and the output, protecting the controller from noise. | | **LED Indicators** | Feedback | Visual confirmation (usually red or green) indicating which channel is currently active. | | **Terminal Blocks** | Connection | Screw terminals for secure wiring of the Power, Ground, and Load lines. | | **Transistor Drivers** | Amplification | Small NPN or PNP transistors that provide enough current to energize the relay coils. | --- ### Technical Specifications (General) Most units under this series follow a standard industrial specification: * **Number of Channels:** 4 (Independent) * **Control Voltage (Input):** Usually 5V DC, 12V DC, or 24V DC. * **Switching Capacity (Output):** Typically up to 250V AC @ 10A or 30V DC @ 10A. * **Contact Type:** SPDT (Single Pole Double Throw) – includes NO (Normally Open) and NC (Normally Closed) pins. * **Mounting:** Often compatible with DIN Rails for industrial cabinet installation. --- ### Circuit Logic and Operation The REBS-E4-R operates through three distinct stages: 1. **Input Stage:** A logic signal (e.g., 5V from a PLC) enters the input pin. This activates the internal **Optocoupler**. 2. **Driver Stage:** The optocoupler triggers a **Transistor**. This transistor acts as a switch for the relay's coil, drawing power from the board's VCC source. 3. **Output Stage:** The electromagnetic coil pulls the physical contact arm, switching the circuit from the **NC** (Normally Closed) position to the **NO** (Normally Open) position. --- ### Common Applications * **PLC Expansion:** Adding physical switching power to Programmable Logic Controllers. * **HVAC Systems:** Controlling fans, heaters, and pumps. * **Lighting Control:** Managing large arrays of industrial LED lighting. * **Motor Direction:** Reversing small DC motors by using two channels together.
    ✨ Follow-up Questions
    • ⤷What is the specific coil voltage requirement for the REBS-E4-R?
    • ⤷ How do I wire a DC motor to the Normally Open (NO) contacts?
    • ⤷ Does this module support DIN rail mounting?