전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REBS-FF-R

  • AI
    The **REBS-FF-R** (Remote Explosive Breaching System - Fast Firing - Receiver) is a specialized electronic control unit used primarily in tactical breaching operations. It functions as the wireless trigger mechanism for initiating explosive charges from a safe distance. --- ### Core Electronic Components The REBS-FF-R is composed of several high-reliability electronic subsystems designed for harsh environments: | Component | Function | Description | | :--- | :--- | :--- | | **RF Transceiver** | Wireless Communication | Operates on encrypted frequencies to receive "Arm" and "Fire" commands from the Transmitter. | | **Microcontroller (MCU)** | Logic Control | Manages the safety interlocking, code decryption, and timing sequences. | | **Capacitive Discharge Unit (CDU)** | Energy Storage | High-voltage capacitors that store the energy required to initiate the detonator. | | **Safety Interlock Circuit** | Prevention | Mechanical and electronic "breaks" that prevent accidental firing due to EMI or shock. | | **LED/OLED Status Panel** | User Interface | Displays battery levels, signal strength, and continuity status of the connected blasting cap. | --- ### Key Technical Specifications The electronics are engineered to meet strict military and law enforcement standards for reliability: * **Encryption:** Uses rolling codes or AES encryption to prevent electronic jamming or unauthorized activation by outside signals. * **Continuity Check:** The receiver electronics perform a low-current test on the connected detonator to ensure the circuit is complete without triggering the explosive. * **Power Management:** Typically powered by standard CR123A or 9V batteries, featuring low-power sleep modes to extend field life. * **Response Time:** Optimized for "Fast Firing" (FF) with millisecond latency between the command signal and the electrical output. --- ### Electronic Safety Features 1. **Dual-Action Logic:** The electronics require two distinct signals (Arm + Fire) to discharge the capacitors. 2. **EMI/RFI Shielding:** The internal circuitry is shielded to prevent interference from tactical radios or cell phones from causing a "phantom" trigger. 3. **Automatic Bleed-off:** If the system is armed but not fired, the electronics safely drain the stored high-voltage energy from the capacitors. --- ### Typical Wiring Configuration ```cpp // Logic representation of the firing sequence if (Radio_Signal == ENCRYPTED_ARM_CODE) { Charge_Capacitors(HIGH_VOLTAGE); Status_LED = AMBER; if (Radio_Signal == ENCRYPTED_FIRE_CODE) { Release_Voltage(DETONATOR_PORT); Status_LED = RED; } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the REBS-FF-R wireless signal?
    • ⤷ How does the 'Fast Firing' feature differ from standard remote initiators?
    • ⤷ What type of environmental protection (IP rating) does the REBS receiver usually carry?