전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REF02CSZ

  • AI
    ## Overview of the REF02CSZ The **REF02CSZ** is a precision 5V voltage reference integrated circuit (IC) manufactured by Analog Devices. It is widely used in applications requiring high stability, low noise, and accuracy, such as data converters (ADCs/DACs) and sensor calibration. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 5.0 V | | **Input Voltage Range** | 7.0 V to 40 V | | **Temperature Drift** | 8.5 ppm/°C (Max) | | **Output Current** | 10 mA | | **Package Type** | SOIC-8 (N-Suffix) | | **Operating Temperature** | -40°C to +85°C | | **Quiescent Current** | 1 mA (Typical) | --- ### Internal Features & Pinout The REF02CSZ is more than just a standard regulator. It includes internal circuitry for temperature sensing and voltage adjustment. #### Pin Configuration (SOIC-8) 1. **TEMP**: Provides a voltage output proportional to the absolute temperature. 2. **VIN**: Positive supply voltage input. 3. **VTEMP**: Connected internally for temperature sensing. 4. **GND**: Ground reference. 5. **TRIM**: Used to adjust the output voltage fine-tuning (optional). 6. **VOUT**: The precise 5V output. 7. **NC**: No connection. 8. **NC**: No connection. --- ### Distinctive Characteristics * **Temperature Output**: Unlike basic references, the REF02CSZ provides a `TEMP` pin. The output voltage at this pin is approximately $630 \, \text{mV}$ at $25^\circ\text{C}$ and changes linearly with temperature, allowing it to function as a temperature sensor. * **High Line/Load Regulation**: It maintains a very steady output even if the input voltage fluctuates or the load current changes. * **Low Noise**: It is designed to minimize electronic noise, which is critical for 12-bit, 14-bit, and 16-bit analog-to-digital converters. --- ### Typical Application Circuit To use the REF02CSZ, minimal external components are required. A simple decoupling capacitor on the input is usually recommended. ```spice Input (7V-40V) ----[ VIN (Pin 2) ]-------[ VOUT (Pin 6) ]----> Stable 5V Output | | [ C1: 0.1uF ] [ C2: 0.1uF (Optional) ] | | GND GND ``` --- ### Common Use Cases 1. **Precision ADCs/DACs**: Acts as the "yardstick" against which analog signals are measured. 2. **Digital Voltmeters**: Provides the reference for high-accuracy handheld or benchtop meters. 3. **Current Sources**: Can be configured with an Op-Amp to create a precision constant current source. 4. **Portable Instrumentation**: Due to its wide input range and low power consumption.
    ✨ Follow-up Questions
    • ⤷ How do you use the TRIM pin to calibrate the output voltage exactly?
    • ⤷ What is the difference between the REF02CSZ and the REF02AZ versions?
    • ⤷ Can the REF02CSZ be used as a negative voltage reference?