전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • REF1020331M063

  • AI
    ## Analysis of Component: REF1020331M063 The part number **REF1020331M063** typically refers to a **Radial Aluminum Electrolytic Capacitor**. Based on industry-standard naming conventions (often used by manufacturers like AISHI, Lelon, or Samyoung), the code can be broken down into specific technical parameters. --- ### Technical Specifications Breakdown | Parameter | Value | Description | | :--- | :--- | :--- | | **Series** | **REF** | Indicates a specific series (usually high frequency, low impedance, or long life). | | **Capacitance Code** | **331** | $33 \times 10^1 = 330$ | | **Capacitance Value** | **330 µF** | The total energy storage capacity. | | **Tolerance** | **M** | $\pm 20\%$ (Standard tolerance for electrolytic capacitors). | | **Voltage Rating** | **063** | **63V DC** (Maximum operating voltage). | | **Form Factor** | **1020** | Physical dimensions: **10mm (Diameter) x 20mm (Height)**. | --- ### Key Characteristics 1. **Polarity:** This is a polarized component. It has a specific positive (+) and negative (-) terminal. Reversing the polarity can cause the component to fail or explode. 2. **Impedance:** The "REF" series is often categorized as **Low ESR** (Equivalent Series Resistance), making it suitable for filtering noise in power supplies. 3. **Temperature Range:** Most capacitors in this class are rated for **-40°C to +105°C**, ensuring stability in industrial environments. 4. **Lifespan:** Depending on the manufacturer, these typically offer a load life between **2,000 to 5,000 hours** at their maximum rated temperature. --- ### Common Applications * **Power Supply Filtering:** Smoothing out ripples in DC output lines. * **DC-DC Converters:** Used in the input/output stages to stabilize voltage. * **LED Drivers:** Providing steady current to lighting circuits. * **Audio Equipment:** Decoupling and coupling stages where high capacitance is required in a small footprint. --- ### Safety & Design Considerations * **Voltage Derating:** It is recommended to run the capacitor at no more than 80% of its rated voltage (e.g., use this 63V cap for circuits up to 50V) to extend its life. * **Mounting:** Ensure the vent on the top of the capacitor is not obstructed to allow safe pressure release in case of failure.
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for the REF series at 100kHz?
    • ⤷ How does the ESR of this capacitor compare to a standard general-purpose electrolytic?
    • ⤷ Can this capacitor be used in AC circuit applications?