전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RFT-100D-R

  • AI
    ### Overview of RFT-100D-R Electronic Components The **RFT-100D-R** is typically associated with high-precision RF (Radio Frequency) components, often functioning as a **terminator** or a **fixed attenuator** designed for telecommunications and testing environments. Below is a breakdown of its electronic characteristics and internal composition. --- ### 1. Key Technical Specifications These parts are engineered to maintain signal integrity by absorbing excess RF energy. | Parameter | Typical Specification | | :--- | :--- | | **Frequency Range** | DC to 3.0 GHz (Commonly used in cellular bands) | | **Power Rating** | 100 Watts (Average) | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Connector Type** | 7/16 DIN (Male or Female, depending on suffix) | | **VSWR** | ≤ 1.20:1 | --- ### 2. Internal Electronic Parts & Composition The RFT-100D-R is not a complex integrated circuit, but rather a high-power passive assembly. Its performance relies on the quality of these internal elements: #### A. Resistor Element (The Core) * **Material:** Usually a **Beryllium Oxide (BeO)** or **Aluminum Nitride (AlN)** substrate. * **Function:** This is the primary component that converts RF electrical energy into heat. It is a thin-film or thick-film resistive element calibrated to exactly 50 Ohms. #### B. The Heat Sink (Thermal Management) * **Material:** Anodized Aluminum. * **Function:** Because the device is rated for 100W, it generates significant heat. The "fins" on the exterior of the RFT-100D-R are part of the electronic cooling strategy to prevent the resistor from drifting or burning out. #### C. Connectors and Housing * **Interface:** The 7/16 DIN connector is chosen for its low PIM (Passive Intermodulation) properties. * **Housing:** Usually brass or stainless steel with tri-metal plating (Albaloy) to ensure high conductivity and corrosion resistance. --- ### 3. Application Use Cases In a circuit, the RFT-100D-R serves specific roles: 1. **Dummy Load:** Acting as a substitute for an antenna during transmitter testing to prevent signal radiation. 2. **Isolation:** Used in directional couplers or combiners to terminate an unused port, ensuring reflected power does not damage the transmitter. 3. **Protection:** Absorbing reflected power in high-wattage radio systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the RFT-100D-R before power derating occurs?
    • ⤷ Can this component be used in 5G Sub-6GHz applications?
    • ⤷ How does the 'R' suffix in the model number affect the connector orientation?