전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RFT-220D-R

  • AI
    The **RFT-220D-R** is typically categorized as a high-performance **2.2-inch TFT LCD display module**, often used in embedded systems, handheld instruments, and industrial control panels. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Core Technical Specifications The performance of the RFT-220D-R is defined by its resolution and signaling capabilities. | Parameter | Specification | | :--- | :--- | | **Display Type** | TFT (Thin Film Transistor) LCD | | **Screen Size** | 2.2 Inches | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Color Depth** | 65K / 262K Colors (16-bit / 18-bit) | | **Interface** | MCU 8-bit / 16-bit Parallel or SPI | | **Backlight** | White LED (typically 3-4 LEDs in parallel/series) | --- ## 2. Key Electronic Components The functionality of the module relies on three main electronic sub-systems: ### A. The Controller/Driver IC Most versions of this module use the **ILI9341** or a compatible driver (like the ST7789). This IC acts as the "brain" of the display, handling: * **Gram (Graphics RAM):** Storing pixel data. * **Voltage Conversion:** Generating the high voltages required to flip the liquid crystals. * **Timing Control:** Managing the refresh rate of the screen. ### B. Flexible Printed Circuit (FPC) The FPC is the orange/brown ribbon cable that connects the glass display to your PCB. It contains: * **Passive Components:** Surface-mount resistors and capacitors for power filtering and noise reduction. * **Gold-plated Contacts:** Usually a 37-pin or 40-pin connector layout. ### C. Backlight Circuit The backlight usually consists of high-brightness White LEDs. * **Electronic Requirement:** It requires a constant current driver. * **Voltage:** Typically ranges from **3.0V to 3.3V**. * **Current:** Approximately **60mA to 80mA**. --- ## 3. Pinout & Connectivity Logic To operate the RFT-220D-R, the following electronic signals must be managed: | Signal Category | Pins | Function | | :--- | :--- | :--- | | **Power** | VCC, GND | Supplies logic power (usually 2.8V - 3.3V). | | **Data Bus** | D0 - D15 | Transfers pixel and command data. | | **Control** | CS, RS, WR, RD | Chip Select, Register Select, Write, and Read strobes. | | **Reset** | RESET | Hardware reset to initialize the Driver IC. | | **LED** | LED-A, LED-K | Anode and Cathode for the backlight power. | --- ## 4. Implementation Example (Initialization) When programming for this part, the electronic initialization sequence usually looks like this in C++: ```cpp void LCD_Init() { LCD_Write_Command(0x01); // Software Reset delay(100); LCD_Write_Command(0x11); // Exit Sleep Mode LCD_Write_Command(0x3A); // Set Pixel Format (e.g., 16-bit) LCD_Write_Data(0x55); LCD_Write_Command(0x29); // Display ON } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 37-pin version of the RFT-220D-R?
    • ⤷ Can this display be driven by a 5V Arduino without level shifters?
    • ⤷ How do I calculate the current limiting resistor for the backlight LED?