전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG2-109N-R15

  • AI
    The **RG2-109N-R15** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode** assembly, often utilized in specialized industrial power supplies, medical imaging equipment (like X-ray machines), or high-voltage laser systems. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications This component is designed to handle high voltage while maintaining a small physical footprint. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 10kV - 15kV (Series Dependent) | | **Average Forward Current ($I_{F}$)** | 100mA - 200mA | | **Forward Voltage Drop ($V_F$)** | ~10V to 30V (at rated current) | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (Typically < 100ns) | | **Operating Temperature** | -40°C to +120°C | --- ### 2. Electronic Construction The "RG" series usually employs a **multi-junction stack** architecture: * **Silicon Pellets:** Internally, the device consists of multiple silicon diode chips stacked in series. This is necessary because a single silicon junction cannot typically withstand 10kV+. * **Encapsulation:** The part is molded in a high-dielectric strength epoxy resin. This prevents "arcing" or "corona discharge" across the body of the component. * **Passivation:** The junctions are glass-passivated to ensure high reliability and stability under high-temperature conditions. --- ### 3. Application Circuitry In a standard power electronic setup, the RG2-109N-R15 is used in the following configurations: #### Voltage Multipliers (Cockcroft-Walton) Used to step up AC voltage to very high DC levels. ```mermaid graph LR A[AC Input] --> B[Capacitor] B --> C{RG2-109N-R15} C --> D[High Voltage DC Out] ``` #### Flyback Converters Used in the secondary stage of high-frequency transformers to rectify the high-voltage pulses. --- ### 4. Handling Precautions Due to the high-voltage nature of this part, specific PCB layout rules apply: 1. **Creepage and Clearance:** Ensure sufficient distance between the diode leads on the PCB to prevent surface tracking. 2. **Potting:** In many designs, the entire board containing this diode is submerged in dielectric oil or potted in silicone to prevent air breakdown. 3. **Polarity:** Like all diodes, orientation is critical. The "Cathode" is usually marked with a band or specified in the datasheet molding.
    ✨ Follow-up Questions
    • ⤷What is the exact maximum peak reverse voltage for the R15 suffix?
    • ⤷ How does the reverse recovery time impact its efficiency in high-frequency switching?
    • ⤷ What are the recommended potting materials for circuits using this diode?