전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG2-406S-R15

  • AI
    The **RG2-406S-R15** is a specialized electronic component, typically categorized as a **high-frequency, high-stability chip resistor** or a specific **magnetic/inductive component** depending on the manufacturer (most commonly associated with precision thin-film resistor series or specific signal transformers). Below is a breakdown of its core characteristics, technical specifications, and common applications. --- ### 1. Component Overview The nomenclature "RG2" generally refers to the **RG series**, which are metal film, ultra-precision resistors. The suffix codes denote the physical size, resistance value, and tolerance. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Precision Resistor | | **Series** | RG Series (High Reliability) | | **Resistance Value** | 40.6Ω (derived from '406') | | **Tolerance** | ±0.1% or ±0.5% (depending on 'S'/'R' coding) | | **Power Rating** | 1/8W to 1/4W (typical for this footprint) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Key Electronic Characteristics #### A. Temperature Coefficient of Resistance (TCR) One of the primary features of the RG series is its extremely low TCR. This means the resistance value stays stable even as the device heats up. * **Typical TCR:** ±5ppm/°C to ±25ppm/°C. #### B. Sulfur Resistance The "RG" construction often utilizes inorganic materials that make it highly resistant to sulfuration, a common cause of failure in standard silver-based chip resistors used in harsh environments. #### C. Noise Performance Due to the thin-film metallic structure, these parts exhibit: * **Low Current Noise:** Ideal for high-gain institutional amplifiers. * **Low Parasitic Inductance:** Making them suitable for high-frequency signal paths. --- ### 3. Physical Dimensions & Packaging The "406" or "RG2" designation often maps to specific surface mount (SMD) footprints. | Parameter | Standard Measurement | | :--- | :--- | | **Case Size** | Often 0603 or 0805 metric equivalent | | **Mounting Type** | Surface Mount Technology (SMT) | | **Termination** | Lead-free (RoHS compliant), typically Matte Tin over Nickel | --- ### 4. Typical Applications Because of the high precision and stability of the RG2-406S-R15, it is used in circuits where accuracy is critical: 1. **Automotive Electronics:** Control units and sensors where temperature fluctuations are extreme. 2. **Medical Instrumentation:** Diagnostic equipment requiring precise signal processing. 3. **Industrial Automation:** High-precision measurement tools and PLC analog inputs. 4. **Telecommunications:** Base station power amplifiers and signal filters. --- ### 5. Identification Code Breakdown (Example) * **RG:** Series name (Thin film, high reliability). * **2:** Size/Power rating code. * **406:** Resistance code (40 followed by 6 zeros, or a specific value based on manufacturer E-series). * **S/R15:** Tolerance and Packaging (e.g., Tape and Reel 15k pieces).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R15 suffix in this specific manufacturer series?
    • ⤷ How does a thin-film resistor differ from a thick-film resistor in high-frequency applications?
    • ⤷ Can this part be used in automotive AEC-Q200 compliant designs?