전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG2-503N-R15

  • AI
    The **RG2-503N-R15** is a specialized electronic component, typically categorized as a **High-Voltage Resistor** or a **Surge Resistant Metal Glaze Resistor**. These components are designed to handle significant electrical stress and are often used in power supplies, industrial equipment, and protective circuitry. --- ### 1. Technical Specification Breakdown Based on standard naming conventions for this series (often associated with manufacturers like *Rohm* or specialized precision resistor brands), here is the technical breakdown: | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Glaze Fixed Resistor | | **Resistance Value** | 50kΩ (503 code: 50 + 3 zeros) | | **Resistance Tolerance** | ±5% (standard for "N" or "J" variants) | | **Power Rating** | 0.25W to 0.5W (depending on housing size) | | **Temperature Coefficient** | ±200 ppm/°C | | **Max Working Voltage** | Often rated for 500V - 1000V (High Voltage Series) | --- ### 2. Key Electronic Features #### A. Metal Glaze Construction Unlike standard carbon film resistors, these use a thick-film metal glaze. This material is highly stable and provides excellent insulation, which is critical for high-voltage applications where "arcing" (electricity jumping across the component) must be prevented. #### B. Surge Handling The "RG" series is built to withstand sudden spikes in voltage (surges). This makes the part ideal for: * **Bleeder Resistors:** Discharging capacitors in power supplies after power-off. * **Voltage Dividers:** Measuring high voltage levels in a circuit. #### C. Environmental Durability The coating is usually a high-temperature silicone or epoxy resin that protects the resistive element from humidity and thermal shock, ensuring the resistance value doesn't drift significantly over time. --- ### 3. Application Use-Cases The RG2-503N-R15 is commonly found in the following electronic environments: 1. **CRT Displays & Monitors:** Handling the high-tension (anode) voltages. 2. **Medical Equipment:** X-ray power supplies or diagnostic imaging tools. 3. **Industrial Inverters:** Used for voltage sensing in motor control circuits. 4. **AC-DC Converters:** Acting as a protection component against line surges. --- ### 4. Identification Example If you are looking at the markings on the body of the part, they usually follow this logic: ```text RG2 -> Series/Size (e.g., 2-watt equivalent size or style) 503 -> 50 x 10^3 = 50,000 Ohms N -> Tolerance (±5% or specialized characteristic) R15 -> Packaging/Taping code (Reel 15mm or specific lead spacing) ```
    ✨ Follow-up Questions
    • ⤷ What are the direct substitutes for the RG2 series in high-voltage circuits?
    • ⤷ How do I test if an RG2-503N-R15 has failed using a multimeter?
    • ⤷ What is the difference between a metal glaze resistor and a standard metal film resistor?