전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG2-506S-R15

  • AI
    The **RG2-506S-R15** is an electronic component commonly categorized under **Surface Mount Devices (SMD)**, specifically within the realm of high-precision thin-film chip resistors. These are often used in circuits requiring high stability and low noise. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Resistance Value** | 15 Ohms ($\Omega$) | | **Tolerance** | $\pm 0.1\%$ or $\pm 0.5\%$ (Series dependent) | | **Power Rating** | 0.25W (1/4 Watt) | | **Case Size** | 0805 (Metric 2012) | | **Temperature Coefficient** | $\pm 25 \text{ ppm/}^\circ\text{C}$ | --- ### 2. Electronic Characteristics #### A. Thin Film Technology Unlike standard thick film resistors, the RG series uses a thin metal film deposited on a ceramic substrate. This results in: * **Low Noise:** Ideal for audio and sensitive measurement circuits. * **High Stability:** Minimal resistance drift over the component's lifespan. #### B. Power and Voltage The "S" in the part number often denotes a specific power rating or size variation within the RG series. For the 0805 footprint: * **Max Working Voltage:** Typically 100V - 150V. * **Operating Temperature:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$. #### C. Reliability These resistors are often "sulfur-resistant," making them suitable for harsh industrial environments or automotive applications where atmospheric sulfur can cause standard resistors to fail. --- ### 3. Part Number Decoder (RG2-506S-R15) While nomenclature can vary slightly by manufacturer (such as Susumu), the typical breakdown is: * **RG:** Series Name (High reliability thin film). * **2 (or 2012):** Size code (2.0mm x 1.25mm / 0805). * **506/S:** Internal manufacturer code for power rating/tolerance. * **R15:** Resistance value (where 'R' acts as a decimal point or multiplier). In this specific context, it represents **15 Ohms**. --- ### 4. Common Applications * **Automotive Electronics:** Engine control units and safety systems. * **Medical Equipment:** Precision imaging and monitoring devices. * **Industrial Automation:** Sensor interfaces and signal conditioning. * **Telecommunications:** Base station equipment.
    ✨ Follow-up Questions
    • ⤷ How does thin film technology compare to thick film in terms of performance?
    • ⤷ What are the soldering requirements for 0805 SMD components?
    • ⤷ Can this resistor be used in high-frequency RF applications?