전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG2-512N-R15

  • AI
    The **RG2-512N-R15** is a high-precision, industrial-grade thermal printer mechanism manufactured by **Seiko Instruments (SII)**. This specific part is widely used in Point of Sale (POS) terminals, medical devices, and handheld labeling systems. --- ## 1. Core Technical Specifications The electronic performance of the RG2 series is defined by its thermal head management and motor control. | Feature | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Number of Dots** | 512 dots/line | | **Resolution** | 8 dots/mm (203 DPI) | | **Paper Width** | 58 mm | | **Print Speed** | Up to 150 mm/s (High Speed) | | **Operating Voltage** | 24V DC (Head & Motor) | | **Interface Type** | Parallel/Serial (via Control Board) | --- ## 2. Key Electronic Components The mechanism consists of three primary electronic sub-systems that interact to produce an image: ### A. The Thermal Print Head (TPH) * **Heating Elements:** Contains 512 microscopic resistors. When current passes through them, they heat up and activate the heat-sensitive coating on the thermal paper. * **Strobe Control:** The TPH is divided into "blocks." The controller sends strobe signals to activate specific sections to manage power consumption and prevent overheating. * **Thermistor:** An internal temperature sensor (NTC) monitors the head temperature. If the head gets too hot, the control logic slows down the printing to protect the hardware. ### B. The Stepper Motor * **Paper Feed:** A high-torque bipolar stepper motor drives the platen roller. * **Precision:** Electronic pulses determine the exact distance the paper moves, ensuring that the vertical resolution matches the horizontal resolution of the TPH. ### C. Sensors * **Paper-End Sensor:** An optical photo-interrupter detects the presence or absence of paper. * **Platen Release Sensor:** Detects if the lever is open, preventing the head from firing when it is not in contact with the platen. --- ## 3. Electrical Connections & Logic To operate the RG2-512N-R15, a **Control Board** (like the SII PT series) is typically required to handle the following: 1. **Data Processing:** Converting image or text data into serial dot data. 2. **Voltage Regulation:** Providing a stable 24V for the heaters and motor, and usually 3.3V or 5V for the logic gates. 3. **Pulse Width Modulation (PWM):** Adjusting the "burn time" of the dots based on the current voltage and ambient temperature to ensure consistent print darkness. --- ## 4. Operational Precautions * **ESD Sensitivity:** The thermal head is highly sensitive to Electrostatic Discharge. Handle with grounding straps. * **Peak Current:** During high-density printing (e.g., printing a solid black bar), the peak current can be significantly higher than the idle current. The power supply must be rated for these surges.
    ✨ Follow-up Questions
    • ⤷ What are the compatible control boards for the RG2-512N-R15?
    • ⤷ How do I calculate the power supply requirements for peak current?
    • ⤷ What is the pinout configuration for the FFC connector on this model?