AI

The **RG3-203N-R15** is a high-precision, thin-film chip resistor array manufactured by **Susumu**. It belongs to the **RG series**, which is renowned for its excellent reliability, low noise, and high stability under harsh environmental conditions.
---
### 1. General Specifications
The part number indicates specific characteristics regarding its dimensions, resistance, and tolerance.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | RG Series (High Reliability Thin Film) |
| **Type** | Resistor Network / Array |
| **Resistance Value** | 20k $\Omega$ (indicated by "203") |
| **Tolerance** | $\pm 0.1\%$ (indicated by "B" or "N" depending on specific datasheet revision) |
| **Power Rating** | ~0.063W (1/16W) per element |
| **Operating Temp** | -55°C to +155°C |
---
### 2. Key Electronic Characteristics
#### A. Thin Film Technology
Unlike standard thick film resistors, the RG series uses a thin metal film deposited on a ceramic substrate. This results in:
* **Low Noise:** Ideal for audio and precision signal processing.
* **High Stability:** Minimal resistance drift over the component's lifetime.
* **Tight Tolerance:** Allows for highly accurate voltage division.
#### B. Temperature Coefficient of Resistance (TCR)
The "R15" suffix often relates to the TCR or specific packaging/tracking requirements. In this series, the TCR is typically as low as **$\pm 5 \text{ ppm/}^\circ\text{C}$ to $\pm 25 \text{ ppm/}^\circ\text{C}$**, ensuring the resistance value remains constant even as the circuit heats up.
#### C. Sulfur Resistance
The RG series is designed to be inorganic and passivated, making it highly resistant to "sulfur attack" (corrosion), which is a common failure point in industrial or automotive electronics.
---
### 3. Internal Configuration
As a "Network" part, the RG3-203N typically contains multiple resistors within a single SMD (Surface Mount Device) package.
* **Package Size:** Usually 1206 (3216 Metric) or similar, containing 2 to 4 resistive elements.
* **Ratio Matching:** Because the resistors are etched onto the same substrate, they track each other perfectly across temperature changes, which is critical for **Operational Amplifier** circuits.
---
### 4. Applications
Due to its precision and stability, this part is commonly found in:
1. **Automotive Electronics:** Control units and sensors.
2. **Test & Measurement:** Multimeters and signal generators.
3. **Medical Equipment:** Monitoring devices requiring high signal integrity.
4. **Industrial Automation:** High-precision PLC analog inputs.
- ⤷
What is the difference between thin film and thick film resistors in terms of performance?
- ⤷ How do I interpret the full Susumu part numbering scheme?
- ⤷ Can this resistor be used in high-frequency RF applications?