RG3-209N-R15
AI

The **RG3-209N-R15** is a high-precision, thin-film chip resistor array manufactured by **Susumu**. It belongs to the **RG series**, which is renowned for its excellent reliability, low noise, and high stability under harsh environmental conditions.
---
### 1. General Specifications
This component is designed for applications requiring precise resistance ratios and tight tolerances.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | RG (Thin Film) |
| **Configuration** | 2-resistor network (Array) |
| **Resistance Value** | 20kΩ (standard for 209N series) |
| **Tolerance** | ±0.05% to ±0.1% (typical for R15 suffix) |
| **Temperature Coefficient (TCR)** | ±5 ppm/°C to ±25 ppm/°C |
| **Package Style** | 0603 or 1206 (standardized SMD) |
---
### 2. Key Electronic Features
#### A. Thin Film Technology
Unlike standard thick film resistors, the RG series uses a thin metal film deposited on a ceramic substrate. This results in:
* **Low Noise:** Extremely low current noise, making it ideal for high-end audio and precision instrumentation.
* **High Stability:** Minimal resistance drift over the component's lifespan.
#### B. Ratio Matching
The "Array" nature of the RG3-209N means that the two resistors inside the package are manufactured simultaneously on the same substrate. This ensures:
* **Excellent Tracking:** Both resistors will react to temperature changes in exactly the same way, maintaining a constant ratio.
* **Precision Voltage Division:** Crucial for operational amplifier circuits.
#### C. Reliability
The part features inorganic passivation, making it highly resistant to moisture and sulfurization, which often cause failure in standard resistors.
---
### 3. Common Applications
Due to its precision and stability, the RG3-209N-R15 is typically found in:
1. **Industrial Instrumentation:** Precise measurement equipment.
2. **Medical Electronics:** Diagnostic tools requiring high signal integrity.
3. **Automotive ECU:** Sensors and control units that operate in varying temperatures.
4. **Audio Gear:** High-fidelity pre-amplifiers and DACs.
---
### 4. Part Number Breakdown (Typical)
* **RG:** Series Name (Thin Film)
* **3:** Size/Power Rating identifier
* **209N:** Specific resistance code and internal schematic
* **R15:** Tolerance and packaging indicator
- ⤷
What is the difference between thin-film and thick-film resistors in precision circuits?
- ⤷ Can this resistor array be used in high-temperature automotive environments?
- ⤷ What are the typical power rating limits for the RG3 series?