전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG3-310N-R15

  • AI
    The **RG3-310N-R15** is a specific model of a **Rotary Encoder**, commonly used in industrial automation, robotics, and CNC machinery for position and speed sensing. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Technical Specifications The "RG3" series typically refers to incremental rotary encoders. Here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Resolution** | 310 Pulses Per Revolution (PPR) | | **Output Phase** | A, B, and Z (Index) phases | | **Output Type** | Push-Pull or Line Driver (model dependent) | | **Supply Voltage** | Usually 5V DC or 12-24V DC | | **Response Frequency** | Up to 100 kHz - 300 kHz | --- ## 2. Key Electronic Components ### A. The Optical Sensor Assembly The heart of the RG3-310N-R15 is an optical scanning system. It consists of: * **LED Emitter:** An infrared light source that shines through a coded disc. * **Coded Disc:** A transparent disc with 310 opaque lines. As it rotates, it "chops" the light beam. * **Photodetector Array:** Receives the light pulses and converts them into low-level electrical signals. ### B. Signal Processing Circuitry Once the photodetectors pick up the light pulses, the internal PCB performs the following: * **Amplification:** Boosts the weak signals from the phototransistors. * **Schmitt Trigger:** Squares the sine-wave signals into clean **Square Waves** to prevent "chatter" or false triggering. * **Differential Output (if R15 variant):** Often includes a line driver chip to provide complementary signals (A, /A, B, /B, Z, /Z) to eliminate electromagnetic interference (EMI) over long cable runs. ### C. Connection Interface The "R15" suffix often denotes the physical connection type, typically a **Radial Connector** or a specific cable length (1.5 meters). --- ## 3. Signal Output Logic The encoder produces three primary signals to communicate with a PLC or Controller: 1. **Phase A:** Provides pulse count for speed/distance. 2. **Phase B:** Offset from Phase A by 90°. The controller looks at which phase leads to determine **direction** (CW vs CCW). 3. **Phase Z (Index):** Fires once per full revolution to establish a "Home" or reference point. --- ## 4. Typical Wiring Diagram (Standard) ```text Color/Pin | Function | Description ----------|----------------|-------------------------- Brown | VCC | Positive Power Supply Blue | GND (0V) | Common Ground Black | Output A | Main Pulse Signal White | Output B | Directional Pulse Signal Orange | Output Z | Reference/Index Signal Shield | F.G. | Frame Ground (Shielding) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Push-Pull and a Line Driver output for this encoder?
    • ⤷ How do I calculate the RPM of a motor using the 310 PPR signal?
    • ⤷ What are the mounting requirements for the RG3 series shaft?