전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG3-311N-R15

  • AI
    The **RG3-311N-R15** is a specific electronic component, typically categorized as a **high-precision, surface-mount (SMD) metal film resistor** (often part of a thin-film resistor series). These are designed for applications requiring high stability, low noise, and strict tolerance. --- ## 1. Technical Specifications Below are the typical electrical characteristics for this part number: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Value** | Variable (Determined by the "311" code, often 310-311 Ohms or similar) | | **Tolerance** | Usually $\pm 0.1\%$ or $\pm 0.5\%$ (High Precision) | | **Power Rating** | Typically 1/16W or 1/10W (depending on case size) | | **Temperature Coefficient** | $\pm 10$ to $\pm 25$ ppm/°C | | **Package / Case** | 0603 or 0805 SMD (Standard) | --- ## 2. Key Electronic Features ### A. Thin Film Construction Unlike standard thick film resistors, the RG series uses a thin metal film sputtered onto a ceramic substrate. This results in: * **Low Noise:** Minimal current noise, making it ideal for audio and sensitive analog circuits. * **High Linearity:** Excellent performance across different frequencies. ### B. Thermal Stability The "R15" or similar suffixes often denote specific temperature coefficients. These parts maintain their resistance value even as the device heats up, which is critical for: * Voltage dividers. * Feedback loops in Operational Amplifiers (Op-Amps). ### C. Reliability These resistors are often treated with a protective coating to prevent sulfurization and environmental degradation, ensuring a long operational lifespan in industrial environments. --- ## 3. Identification Example If we break down the typical nomenclature for this series: ```text RG [Series Name] 3 [Case Size, e.g., 1608/0603] 311 [Resistance Code: 31 x 10^1 = 310Ω] N [Tolerance Code, e.g., ±0.05% or ±0.1%] R15 [Packaging or TCR code] ``` --- ## 4. Common Applications 1. **Precision Instrumentation:** Measurement tools that require exact resistance to calculate voltage/current. 2. **Medical Electronics:** Devices where accuracy is a matter of safety. 3. **Automotive ECU:** Sensors and control units that operate in varying temperatures. 4. **Telecommunications:** Signal processing equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 311 code in this series?
    • ⤷ How does a thin film resistor differ from a thick film resistor in terms of performance?
    • ⤷ Are there specific power rating limitations for the RG3 series?