전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RG3-403N-R15

  • AI
    The **RG3-403N-R15** is a high-precision, industrial-grade **Current Transformer (CT)** typically used for leakage current detection or zero-phase current sensing. It is a critical component in Earth Leakage Relays (ELRs) and ground fault protection systems. --- ### 1. Technical Specifications Below are the primary electronic characteristics typically associated with this model: | Parameter | Specification | | :--- | :--- | | **Type** | Zero-phase Current Transformer (ZCT) | | **Core Material** | High-permeability Permalloy or Silicon Steel | | **Hole Diameter** | 40mm (Internal) | | **Sensitivity** | Compatible with mA-level leakage current | | **Voltage Class** | Low voltage (typically up to 600V systems) | | **Standard** | IEC / EN Compliance | --- ### 2. Key Electronic Components & Construction #### A. The Magnetic Core The heart of the device is a **toroidal magnetic core**. In the "N-R15" variant, the core is designed with specific saturation characteristics to ensure that it does not trigger false positives during high-current surges (inrush current) while remaining sensitive to tiny imbalances. #### B. Secondary Windings * **Coil:** Thousands of turns of fine copper wire are wrapped around the core. * **Transformation Ratio:** It converts a small primary leakage current into an even smaller secondary voltage/current signal that an Electronic Control Unit (ECU) or Relay can process. #### C. Housing and Insulation * **Material:** Flame-retardant ABS or polycarbonate plastic. * **Resin:** The internal components are often vacuum-potted with epoxy resin to provide moisture resistance and vibration damping. --- ### 3. Operating Principle The RG3-403N-R15 works on the **Vector Summation Principle**: 1. All current-carrying conductors (Phase and Neutral) pass through the 40mm center hole. 2. In a healthy circuit, the sum of currents is **zero**. 3. If a ground fault occurs, the sum is no longer zero. 4. The magnetic core detects this flux imbalance and induces a small current in the secondary windings. 5. This signal is sent via the output terminals to a **Leakage Relay** to trip the circuit breaker. --- ### 4. Installation and Wiring * **Terminals:** Usually features two screw terminals (k, l) for connection to the relay. * **Orientation:** While ZCTs are generally non-directional for AC, it is best practice to follow the flow arrows if marked on the casing. * **Shielding:** To prevent EMI (Electromagnetic Interference), twisted pair wiring is recommended for the secondary signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated primary current for the RG3-403N-R15?
    • ⤷ How do I test if this ZCT is functioning correctly?
    • ⤷ Can this model be used with a 3-phase 4-wire system?