전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGC2..40

  • AI
    The **RGC2..40** refers to a series of 2-pole switching, three-phase Solid State Contactors (SSCs) manufactured by Carlo Gavazzi. These devices are used to switch resistive and inductive loads in industrial environments. Below is a breakdown of the electronic components, specifications, and internal logic. --- ### 1. General Specifications The "40" in the model name typically signifies the maximum rated operational current. | Feature | Specification | | :--- | :--- | | **Number of Poles** | 2-pole switching (3rd phase is a direct link) | | **Rated Operational Current** | Up to 40 Amps AC per pole | | **Operational Voltage** | Typically 42V to 600V AC | | **Control Voltage** | 5-32V DC or 20-275V AC / 24-190V DC | | **Switching Mode** | Zero Cross (ZC) | --- ### 2. Internal Electronic Architecture The RGC2 series is built using several key electronic stages to ensure safe and efficient power switching: #### A. Power Semiconductors (Thyristors) * **Back-to-Back Thyristors (SCRs):** Each of the two switched poles contains a pair of high-performance thyristors. These allow the device to handle high inrush currents and provide a long operational life compared to mechanical contacts. * **Direct Copper Bonding (DCB):** The internal power chips are mounted on a DCB substrate, which reduces thermal resistance and increases the number of thermal cycles the device can withstand. #### B. Control & Isolation Stage * **Opto-Isolation:** The control circuit (input) is electrically isolated from the power circuit (output) via an optocoupler. This protects the PLC or controller from high-voltage surges on the load side. * **Zero-Cross Trigger Circuit:** This circuit ensures the thyristor only turns on when the AC sine wave crosses zero volts. This minimizes electromagnetic interference (EMI) and reduces stress on the load. #### C. Protection Circuits * **Overvoltage Protection:** Integrated Varistors (MOVs) protect the internal thyristors against transient voltage spikes from the mains. * **Thermal Protection:** Many models in this series include an integrated over-temperature sensor that shuts down the device if the heatsink exceeds safe limits. --- ### 3. Connection Diagram Overview Since it is a 2-pole switcher intended for 3-phase systems, the wiring logic is as follows: | Terminal | Function | | :--- | :--- | | **L1, L2, L3** | Incoming Mains (L2 is usually a bypass/bridge) | | **T1, T2, T3** | Load Connections | | **A1 (+), A2 (-)** | Control Signal Input | --- ### 4. Key Electronic Advantages 1. **High I²t Value:** The electronic components are rated for high surge currents, preventing the fuses from blowing during short-term overloads. 2. **Silent Operation:** Unlike mechanical contactors, the RGC2 uses solid-state switching, meaning there is no clicking noise or arcing. 3. **Built-in Heatsink:** The "RGC" designation indicates an integrated heatsink, optimized for natural convection or forced air cooling depending on the specific current load. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2-pole and 3-pole switching in RGC models?
    • ⤷ What type of fuses are recommended to protect the RGC2..40 thyristors?
    • ⤷ Does the RGC2..40 support proportional control or only ON/OFF switching?