전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGC2A60..10

  • AI
    The **RGC2A60..10** series refers to a specific family of 2-pole (3-phase) solid-state switching relays (SSRs) manufactured by **Carlo Gavazzi**. These components are designed to control AC loads such as heaters or motors with high reliability and no moving parts. --- ### 1. Key Technical Specifications The model name follows a specific nomenclature that defines its electronic capabilities. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Switching Poles** | 2-Pole | Switches 2 phases of a 3-phase system (common for Delta loads). | | **Max Voltage** | 600 VAC | Rated for systems up to 600V AC. | | **Rated Current** | 10 Amps | Maximum continuous load current per pole at 40°C. | | **Switching Mode** | Zero Cross | Switches ON when voltage is near zero to reduce EMI. | | **Control Voltage** | Variable (A/D) | Typically 5-32VDC or 20-275VAC/24-190VDC. | --- ### 2. Internal Electronic Architecture The RGC2A60..10 consists of several critical electronic sub-assemblies: #### A. Power Semiconductors (Thyristors) The core switching is performed by **Back-to-Back Thyristors (SCRs)**. Unlike mechanical contacts, these use semiconductor junctions to allow or block current flow. They are more durable because they do not suffer from contact arcing or wear. #### B. Isolation Barrier The device uses **Optical Isolation** (Opto-couplers) between the control input and the power output. This protects the low-voltage control circuit (PLC/Microcontroller) from high-voltage spikes on the power line. #### C. Zero-Cross Detection Circuit This internal logic monitors the AC sine wave. It ensures the relay only closes the circuit when the voltage is at the **zero-crossing point**, significantly reducing electromagnetic interference (EMI) and inrush current stresses on the load. #### D. Thermal Management The "RGC" designation indicates an **integrated heat sink**. The electronic components are mounted to a metal baseplate with high thermal conductivity to dissipate heat generated during the "ON" state (forward voltage drop). --- ### 3. Wiring Configuration Example Because it is a 2-pole device used for 3-phase loads, one phase usually bypasses the relay directly to the load. ```mermaid L1 ----[ Pole 1 ]---- Load (Phase 1) L2 ----[ Pole 2 ]---- Load (Phase 2) L3 ------------------- Load (Phase 3) Direct Connection ``` --- ### 4. Comparison: SSR vs. Electromechanical Contactor | Feature | RGC2A60..10 (SSR) | Standard Contactor | | :--- | :--- | :--- | | **Lifespan** | Millions of cycles (No wear) | Limited (Mechanical wear) | | **Switching Speed** | Extremely Fast (<10ms) | Slow (50ms - 100ms) | | **Acoustic Noise** | Silent | Audible "Click/Thump" | | **Heat Generation** | High (Requires Heat Sink) | Low | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific control voltage options for the RGC2A60 series?
    • ⤷ How does 'Zero Cross' switching differ from 'Instant On' switching in these SSRs?
    • ⤷ What type of over-voltage protection is recommended for these electronic relays?