전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGC3..10

  • AI
    The **RGC3..10** series refers to Carlo Gavazzi’s **3-phase Solid State Contactors (SSC)** with a built-in heatsink. These devices are designed to replace traditional mechanical contactors for switching resistive or inductive loads. Below is an explanation of the electronic components, internal architecture, and specifications. --- ### 1. Internal Electronic Architecture The RGC3..10 series utilizes a semiconductor-based switching mechanism. Unlike mechanical contactors that use copper contacts and coils, the RGC uses: * **Thyristors (SCRs):** The core switching elements. The "3" in RGC3 indicates it switches all three phases (3-pole). * **Opto-Isolator:** Provides galvanic isolation between the low-voltage control signal and the high-voltage load circuit. * **Zero-Cross Circuitry:** Most RGC models feature zero-cross switching, meaning the device only turns ON when the AC sine wave crosses zero volts, significantly reducing electromagnetic interference (EMI). * **Internal Varistor:** Protects the internal electronics from transient overvoltages. --- ### 2. Key Technical Specifications The "10" in the model name usually refers to the rated operational current per pole at a specific temperature ($40^{\circ}C$). | Feature | Specification Details | | :--- | :--- | | **Number of Poles** | 3-Pole (Switches L1, L2, and L3) | | **Rated Current** | 10 Amps AC per pole | | **Control Voltage ($U_c$)** | 5-32 VDC or 20-275 VAC / 24-190 VDC | | **Operational Voltage ($U_e$)** | Up to 600 VAC or 660 VAC | | **Switching Mode** | Zero Cross (ZC) | | **Output Type** | Back-to-back Thyristors (SCRs) | --- ### 3. Component Breakdown (Physical & Electronic) #### A. The Heat Sink Because semiconductors generate heat during conduction (approximately 1.2 Watts per Ampere per phase), the RGC3..10 features an integrated aluminum heatsink. This ensures the thyristors stay within their Safe Operating Area (SOA). #### B. The Control Input The input terminals (A1, A2) are connected to an internal LED (within the opto-coupler). When current flows through the LED, it triggers the gate of the thyristors. * **LED Indicator:** A green LED on the front face provides visual confirmation that the control signal is active. #### C. Protection Circuits * **RC Snubber:** A resistor-capacitor network across the output to prevent accidental triggering caused by a high rate of rise in voltage ($dV/dt$). * **Over-temperature Protection:** Some advanced versions of the RGC series include an optional thermal strip or sensor to shut down the unit if it overheats. --- ### 4. Wiring Overview | Terminal Label | Function | Description | | :--- | :--- | :--- | | **L1, L2, L3** | Line Input | Connection to the 3-phase power source. | | **T1, T2, T3** | Load Output | Connection to the motor or heater. | | **A1 (+)** | Control (+) | Positive control signal terminal. | | **A2 (-)** | Control (-) | Negative/Common control signal terminal. | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Instant-On switching in the RGC series?
    • ⤷ How do I calculate the heat dissipation for an RGC3..10 running at full load?
    • ⤷ Does the RGC3..10 require external fuses for short-circuit protection?