전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGC3..20

  • AI
    ## RGC3 Series Electronic Components Overview The **RGC3** series, typically manufactured by **Carlo Gavazzi**, is a family of 3-pole Solid State Contactors (SSCs). These devices are designed to replace traditional mechanical contactors for switching three-phase loads, offering higher reliability and faster switching frequencies. --- ### 1. Internal Electronic Architecture The RGC3 utilizes a combination of power semiconductors and control circuitry to manage electrical loads. | Component | Description | Function | | :--- | :--- | :--- | | **Thyristors (SCRs)** | Back-to-back Silicon Controlled Rectifiers. | The primary power switching element for each of the 3 phases. | | **Opto-Isolators** | Optical coupling components. | Provides galvanic isolation between the low-voltage control input and the high-voltage output. | | **Zero-Cross Circuit** | Integrated logic circuit. | Ensures the device switches ON only when the AC voltage waveform crosses zero, reducing EMI. | | **Varistors (MOVs)** | Metal Oxide Varistors. | Integrated overvoltage protection to shield the SCRs from voltage spikes. | --- ### 2. Technical Specifications (RGC3..20) The "..20" suffix in the model name generally refers to the **Rated Operational Current**. * **Rated Current:** 20 Amps per pole (at 40°C). * **Operating Voltage:** Typically ranges from 42V to 660V AC, depending on the specific model sub-type. * **Control Voltage:** Available in DC (e.g., 5-32VDC) or AC (e.g., 20-275VAC). * **Switching Mode:** Zero Cross (suitable for resistive and slightly inductive loads). --- ### 3. Key Electronic Features #### A. Thermal Management Unlike mechanical contactors, the RGC3 generates heat due to the forward voltage drop across the thyristors. The unit includes: * **Integrated Heatsink:** The "RGC" designation indicates the heatsink is built-in. * **Over-temperature Protection:** Some advanced models include a thermal sensor that shuts down the device if it exceeds safe operating temperatures. #### B. Status Indication Most RGC3 units feature a **Front LED Indicator**: * **Green LED:** Indicates that the control input is active. * **Red LED (Optional):** Some models indicate a fault condition (e.g., over-temperature or phase loss). #### C. IP20 Protection The housing is designed with a "finger-safe" (IP20) rating, protecting the electronic terminals from accidental contact and ensuring the internal components are shielded from large debris. --- ### 4. Typical Applications Due to their solid-state nature (no moving parts), these electronic parts are used in: * Plastic injection molding (heater bands). * Food processing equipment. * Packaging machinery. * HVAC systems (electric duct heaters).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross switching and Instant-On switching in the RGC3 series?
    • ⤷ How do I calculate the heat dissipation for a 20A RGC3 contactor?
    • ⤷ Does the RGC3..20 require external fuses for short-circuit protection?