전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGC3..48

  • AI
    The **RGC3** series, specifically the **RGC3..48** models, refers to a family of 3-phase Solid State Contactors (SSCs) manufactured by Carlo Gavazzi. These devices are designed to replace traditional mechanical contactors for switching 3-phase loads, offering higher reliability and faster switching speeds. --- ## 1. Core Technical Specifications The "48" in the model name indicates the rated operational voltage range. Below is a breakdown of the primary technical parameters for the RGC3..48 series: | Parameter | Specification Details | | :--- | :--- | | **Number of Poles** | 3-Pole switching (all three phases) | | **Operational Voltage** | 42 - 480 VAC (+10% / -15%) | | **Rated Frequency** | 45 to 65 Hz | | **Control Voltage** | 5 - 32 VDC (DC control) or 20 - 275 VAC / 24 - 190 VDC (AC/DC control) | | **Switching Mode** | Zero Cross (switches when voltage crosses zero to reduce EMI) | | **Peak Voltage** | 1200 Vp (Blocking voltage) | --- ## 2. Key Electronic Components The internal architecture of the RGC3..48 consists of several critical electronic stages: ### A. Power Semiconductors (Thyristors/SCRs) Unlike mechanical contacts, the RGC3 uses **Back-to-Back Thyristors (SCRs)**. * **Function:** These act as the electronic "switch." * **Advantage:** Because there are no moving parts, there is no arcing or contact bounce, significantly extending the lifecycle (millions of cycles). ### B. Control Logic & Opto-Isolation * **Optocoupler:** The input (control side) is optically isolated from the output (high voltage side). This prevents high-voltage spikes from damaging the PLC or controller. * **Zero-Cross Circuit:** An internal integrated circuit ensures the SCRs only turn on when the AC sine wave is at the 0V point. This minimizes Inrush Current and Electromagnetic Interference (EMI). ### C. Overvoltage Protection * **Integrated Varistor:** Most RGC3 models include an internal Metal Oxide Varistor (MOV) across the output to protect the internal SCRs from transient voltage surges from the line or load. --- ## 3. Physical & Thermal Design The "RGC" series is a "slimline" design with an **integrated heatsink**. * **DIN Rail Mounting:** Designed for easy installation in control panels. * **Over-temperature Protection:** Some advanced models in this series include an integrated thermal switch that shuts down the device if the heatsink exceeds safe operating temperatures. * **LED Indicator:** A front-facing LED provides visual feedback on the control status (ON/OFF). --- ## 4. Typical Applications The RGC3..48 is commonly used for: 1. **Heating Elements:** Plastic injection molding, HVAC, and ovens. 2. **Motor Control:** Small 3-phase motors where high-frequency cycling is required. 3. **Lighting:** Switching large banks of discharge lamps. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between RGC3..48 and RGC3..60 models?
    • ⤷ How do I calculate the heat dissipation for an RGC3 unit?
    • ⤷ Does the RGC3 series support analog input for proportional control?