전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RGSCD201-R-B-B-0

  • AI
    The **RGSCD201-R-B-B-0** is a specific part number for a high-quality rocker switch manufactured by **Carling Technologies**. It belongs to the **RG-Series** of double-pole, sub-miniature rocker switches known for their high current ratings and compact size. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Carling Technologies | | **Series** | RG-Series (RGS) | | **Circuit Type** | DPST (Double Pole, Single Throw) | | **Switch Function** | On-Off | | **Current Rating** | 15A 125VAC / 20A 125VAC / 10A 250VAC | | **Termination Style** | .250" Quick Connect Tabs | | **Mounting Type** | Panel Mount (Snap-in) | | **Contact Material** | Silver Alloy | | **Actuator Type** | Rocker | --- ### 2. Part Number Breakdown The alphanumeric code describes the specific configuration of the switch: * **RGSC**: Series prefix (Double Pole, High Inrush). * **D201**: Represents the circuit configuration (DPST) and standard rating. * **R**: Rocker color (Red). * **B**: Bezel color (Black). * **B**: Legend color (Black) or specific marking style. * **0**: No special lamp or additional options. --- ### 3. Key Electronic Features * **High Inrush Capability:** Designed to handle significant current spikes when a device is first turned on, making it ideal for power supplies and motors. * **Snap-in Mounting:** The housing is designed for easy installation into a rectangular panel cutout without the need for additional hardware. * **Double Pole Design:** It can control two separate circuits simultaneously or disconnect both the "Hot" and "Neutral" lines for safety. * **Silver Contacts:** High-grade silver alloy contacts are used to minimize electrical resistance and prevent oxidation over long periods of use. --- ### 4. Common Applications This switch is typically found in: 1. **Industrial Equipment:** Power controllers and laboratory instruments. 2. **Appliances:** High-draw devices like vacuum cleaners or coffee makers. 3. **Power Strips:** Used as the main power cutoff. 4. **Marine/Automotive:** Aftermarket control panels (given appropriate voltage compatibility).
    ✨ Follow-up Questions
    • ⤷ What is the standard panel cutout size for the RG-Series?
    • ⤷ Does this switch support internal illumination?
    • ⤷ What is the mechanical life expectancy of this switch?