전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RJK0328DPB

  • AI
    ## RJK0328DPB: High-Performance Power MOSFET The **RJK0328DPB** is an N-channel Power MOSFET developed by Renesas Electronics. It is primarily designed for high-efficiency power conversion applications, such as DC-DC converters in computers and servers. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the RJK0328DPB: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 30 | V | | Gate-Source Voltage | $V_{GSS}$ | ±20 | V | | Continuous Drain Current | $I_D$ | 45 | A | | On-State Resistance ($V_{GS}=10V$) | $R_{DS(on)}$ | 2.7 (Typ) / 3.3 (Max) | mΩ | | Total Gate Charge | $Q_g$ | 19.5 | nC | | Package Type | LFPAK | 5x6 mm Surface Mount | - | --- ### 2. Physical and Design Features * **Package (LFPAK):** The "DPB" suffix indicates the **LFPAK** (Loss Free Package). This package is known for excellent thermal performance and low parasitic inductance, which is crucial for high-speed switching. * **Trench Technology:** It utilizes advanced N-channel silicon gate trench technology, which allows for a high density of cells, resulting in a very low $R_{DS(on)}$. * **High Speed:** Optimized for high-frequency switching to minimize power loss during the transition between ON and OFF states. --- ### 3. Functional Applications Due to its high current handling and low resistance, it is commonly found in: 1. **Motherboards:** VRM (Voltage Regulator Modules) for CPUs and GPUs. 2. **Point of Load (POL):** Local power regulation for memory modules and chipsets. 3. **Telecom Equipment:** High-efficiency power supplies and DC-DC converters. 4. **Battery Management:** Protection and switching circuits in portable electronics. --- ### 4. Implementation Considerations ```cpp // Typical usage logic in a PWM controller setup: if (PWM_Signal == HIGH) { Gate_Voltage = 10V; // RJK0328DPB fully turns ON // Low RDS(on) ensures minimal heat dissipation at 45A } else { Gate_Voltage = 0V; // RJK0328DPB turns OFF } ``` * **Thermal Management:** Even with low resistance, at high current (45A), the device generates heat. Proper PCB copper pouring for the drain tab is essential. * **Gate Drive:** To achieve the rated 2.7mΩ, a gate-source voltage ($V_{GS}$) of at least 10V is recommended, though it can operate at lower logic levels (4.5V) with slightly higher resistance.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFETs for RJK0328DPB in case of a repair?
    • ⤷ How does the LFPAK package compare to a standard TO-220 in terms of thermal cooling?
    • ⤷ What is the maximum operating junction temperature for this part?