전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RJK0393DPA

  • AI
    ## Overview of RJK0393DPA The **RJK0393DPA** is a high-performance **N-channel Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily used for high-efficiency power conversion. It is manufactured by Renesas Electronics and is commonly found in DC-DC converters and power management circuits for computers and servers. --- ### 1. Key Technical Specifications The following table outlines the fundamental electronic characteristics of the RJK0393DPA: | Parameter | Symbol | Maximum Rating / Value | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 30 V | | **Gate-to-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 40 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 4.3 mΩ (typical) @ 10V | | **Total Gate Charge** | $Q_g$ | 12.8 nC (typical) | | **Package Type** | WPAK | SOP-8 Compatible (Surface Mount) | --- ### 2. Physical Construction and Pinout The device utilizes a **WPAK package**, which is a specialized small-outline surface-mount package designed for superior heat dissipation. * **Drain (D):** Usually connected to the large metal pad on the bottom of the package for thermal management. * **Gate (G):** The control pin used to turn the MOSFET on or off. * **Source (S):** The reference point for the gate voltage and the exit point for the current in an N-channel device. --- ### 3. Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** At only 4.3 mΩ, this part minimizes power loss during the conduction phase, reducing heat generation. * **High-Speed Switching:** Designed with a low gate charge ($Q_g$), allowing the transistor to switch between "On" and "Off" states very rapidly. * **High Power Density:** Capable of handling up to 40A of current despite its small physical footprint. * **Integrated Schottky Diode:** Many variants in this series include a high-speed body diode to improve efficiency in synchronous rectification. --- ### 4. Typical Applications The RJK0393DPA is optimized for switching applications where efficiency is critical: 1. **Point of Load (POL) Converters:** Used in motherboards to step down voltage for CPUs and GPUs. 2. **DC-DC Converters:** Found in power supplies for networking equipment. 3. **Battery Management Systems:** Used for high-current switching and protection. 4. **Motor Drivers:** Driving small DC motors in consumer electronics. --- ### 5. Implementation Code Example (Conceptual) When using a microcontroller to drive the gate of this MOSFET through a gate driver, the logic follows this structure: ```cpp // Conceptual Arduino-style logic for PWM Power Control const int gatePin = 9; // Connected to MOSFET Gate Driver void setup() { pinMode(gatePin, OUTPUT); } void loop() { // Drive the RJK0393DPA with a 50% duty cycle analogWrite(gatePin, 127); } ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of the RJK0393DPA WPAK package?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller logic pin?
    • ⤷ What are the recommended replacement parts if the RJK0393DPA is discontinued?