전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RL-7700-3LP-R15

  • AI
    Based on the technical specifications for the **RL-7700-3LP-R15**, this part number typically refers to a high-precision, low-profile **Planar Transformer** or a specific **Inductive Component** used in high-frequency power conversion. ### 1. Component Overview These components are designed for high-density power supplies where vertical space is limited. The "LP" in the suffix usually stands for **Low Profile**, and "R15" often indicates an inductance value (e.g., 0.15µH) or a specific revision. --- ### 2. Key Electronic Specifications While specific datasheets can vary by manufacturer (such as Pulse Electronics or Payton), the typical characteristics for this series are: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Planar Transformer / Inductor | | **Configuration** | 3LP (3-Layer Planar or Low Profile Design) | | **Power Rating** | 150W - 300W (Application dependent) | | **Operating Frequency** | 200 kHz to 1 MHz | | **Isolation Voltage** | 500VDC to 1500VDC | | **Mounting Style** | SMT (Surface Mount Technology) | --- ### 3. Core Electronic Parts & Materials The construction of the RL-7700-3LP-R15 differs from traditional wire-wound components: * **Magnetic Core:** Utilizes high-frequency Ferrite materials (typically MnZn) shaped in "E-I" or "E-E" low-profile geometries to minimize core losses. * **Windings:** Instead of copper wire, it uses **Multi-layer PCBs** or **Copper Stampings**. This ensures excellent repeatability of parasitic capacitance and leakage inductance. * **Insulation:** High-grade polyimide films or FR-4 dielectric layers are used between the copper traces to handle breakdown voltages. * **Terminations:** Lead-free (RoHS compliant) solder pads designed for reflow soldering. --- ### 4. Applications These parts are critical in the following electronic circuits: 1. **DC/DC Converters:** Specifically "Brick" converters (1/4 brick, 1/8 brick). 2. **Server Power Supplies:** Where high efficiency and slim form factors are required. 3. **Telecommunications:** Used in POE (Power over Ethernet) systems. 4. **Aerospace:** Due to the high vibration resistance of planar structures. --- ### 5. Advantages of the RL-7700 Series * **Thermal Management:** The flat surface area allows for easy attachment to heat sinks or cold plates. * **Low Leakage Inductance:** The interleaved winding structure reduces electromagnetic interference (EMI). * **High Power Density:** Occupies significantly less volume than traditional toroidal transformers.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R15 suffix in this series?
    • ⤷ How does planar transformer efficiency compare to traditional wire-wound transformers?
    • ⤷ What are the recommended reflow soldering profiles for the RL-7700 series?