전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RL1220-F-R050F

  • AI
    ## RL1220-F-R050-F: Technical Overview The **RL1220-F-R050-F** is a high-precision, low-resistance chip resistor designed primarily for **current sensing** applications. It is manufactured by **Susumu**, a leader in thin-film technology. ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Manufacturer** | Susumu | | **Series** | RL Series (Low Resistance) | | **Resistance** | $0.050 \Omega$ ($50 m\Omega$) | | **Tolerance** | $\pm 1\%$ (indicated by the suffix 'F') | | **Power Rating** | $0.1W$ ($1/10 W$) | | **Package Size** | 0805 (Metric 2012) | | **Temperature Coefficient (TCR)** | $0 \sim +350 \text{ ppm/}^\circ\text{C}$ | | **Operating Temp Range** | $-55^\circ\text{C}$ to $+125^\circ\text{C}$ | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **RL**: Series Name (Long side terminal/Current sensing) * **1220**: Case size (1.2mm x 2.0mm, equivalent to 0805 Imperial) * **F**: Temperature Coefficient Characteristic * **R050**: Resistance Value ($R$ acts as a decimal point, so $0.050 \Omega$) * **F**: Resistance Tolerance ($\pm 1\%$) --- ### 3. Core Features and Applications #### Features * **Thin Film Technology:** Ensures higher stability and lower noise compared to thick film alternatives. * **Low Inductance:** The physical structure is optimized to reduce parasitic inductance, making it suitable for high-frequency circuits. * **Heat Dissipation:** Designed to handle small-scale power shunting without significant thermal drift. #### Common Applications * **Power Management:** Used in DC-DC converters to monitor output current. * **Battery Protection:** Integrated into BMS (Battery Management Systems) to detect overcurrent conditions. * **Mobile Electronics:** Used in smartphones and tablets for power saving and charging regulation. * **Motor Control:** Small motor drivers use these to sense torque-related current draw. --- ### 4. Implementation Example In a typical current-sensing circuit, this resistor is placed in series with the load. The voltage drop ($V$) across the resistor is measured by an amplifier: ```python # Calculating Voltage Drop across RL1220-F-R050-F resistance = 0.050 # Ohms current = 1.2 # Amps (Example load) voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop}V or {voltage_drop * 1000}mV") # Output: Voltage Drop: 0.06V or 60.0mV ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its 0.1W power rating?
    • ⤷ How does thin-film technology compare to thick-film for current sensing?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?