전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RL1632H-R080F

  • AI
    ## RL1632H-R080F: Component Overview The **RL1632H-R080F** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It is manufactured by **Susumu**, a leader in thin-film technology. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | 80 mΩ (0.080 Ω) | | **Tolerance** | ±1% (F) | | **Power Rating** | 0.5W (1/2 Watt) | | **Package Size** | 1632 (Metric) / 0612 (Imperial) | | **Technology** | Metal Foil / Thin Film | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Design & Terminal Configuration The "1632" designation refers to the physical dimensions, but with a specific twist: **Long-side terminations**. * **Dimensions:** 1.6mm x 3.2mm. * **Orientation:** Unlike standard resistors where terminals are on the short sides, this part has terminals on the **long sides** (3.2mm edge). * **Benefit:** This design reduces parasitic inductance and improves heat dissipation, allowing for a higher power rating in a smaller footprint compared to traditional 1206 resistors. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: | Code | Meaning | | :--- | :--- | | **RL** | Series Name (Low Resistance Chip Resistors) | | **1632** | Case Size (1.6mm x 3.2mm) | | **H** | High Power Rating / Termination Style | | **R080** | Resistance Value (R is the decimal point = 0.080Ω) | | **F** | Tolerance (±1%) | --- ### 4. Typical Applications Because of its low resistance and high precision, this component is primarily used for **Current Sensing**. 1. **DC-DC Converters:** Monitoring output current to regulate voltage. 2. **Battery Management Systems (BMS):** Measuring charge/discharge cycles in mobile devices or power tools. 3. **Motor Control:** Detecting over-current conditions to protect the motor. 4. **Power Inverters:** Used in feedback loops for efficient power conversion. --- ### 5. Why "Long-Side" Terminals Matter In high-current paths, the physical connection (solder joint) can add unwanted resistance and heat. By using the long side of the chip: * The **current path is shorter** through the resistive element. * The **surface area for soldering is larger**, providing a robust thermal path to the PCB copper planes. * It minimizes **Equivalent Series Inductance (ESL)**, which is critical for high-frequency switching circuits.
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB landing patterns for long-side terminal resistors like the RL1632?
    • ⤷ How does the TCR of 100 ppm/°C impact measurements in high-temperature environments?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?