전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RL1632H-R100F

  • AI
    ### RL1632H-R100F: Technical Overview The **RL1632H-R100F** is a specialized electronic component categorized as a **Current Sensing Chip Resistor**. Manufactured primarily by **Susumu**, this part is designed for high-precision current detection in power management circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 0.1 $\Omega$ (100 m$\Omega$) | | **Tolerance** | $\pm 1\%$ (F-class) | | **Power Rating** | 0.5 Watts (1/2 W) | | **Case Size (Inch)** | 1206 (3.2mm x 1.6mm) | | **Technology** | Metal Foil / Thin Film | | **Temperature Coefficient (TCR)** | $\pm 100$ ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Structure and Design Unlike standard thick-film resistors, the RL series utilizes a **long-side terminal** or specialized foil construction to handle current flow efficiently. * **Miniaturization:** The 1206 (Metric 3216) footprint allows for high-density PCB mounting. * **Low Inductance:** The design minimizes parasitic inductance, which is critical for high-frequency switching power supplies. * **Heat Dissipation:** The "H" in the part number often signifies high-power or enhanced thermal handling capabilities compared to standard 1206 resistors. --- ### 3. Functional Application The primary role of the **R100F (0.1 Ohm)** resistor is to act as a "Shunt." By placing this resistor in series with a load, engineers can measure the voltage drop across it to calculate the current flow using Ohm's Law ($I = V/R$). #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback for over-current protection (OCP). 3. **Motor Control:** Detecting stall conditions or managing torque by sensing motor current. 4. **CPU/GPU Power Rails:** Monitoring power consumption in computing hardware. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in selecting substitutes: * **RL:** Series name (Low Resistance / Current Sensing). * **1632:** Dimensions (3.2mm x 1.6mm). * **H:** High power rating/Specialized design. * **R100:** Resistance code ($R$ acts as decimal). $0.100 \Omega$. * **F:** Tolerance code ($\pm 1\%$). ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a metal foil resistor over a thick film resistor for current sensing?
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) affect the accuracy of this component in high-heat environments?
    • ⤷ Can this resistor be used in AC current sensing applications
    • ⤷ or is it strictly for DC?