전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RL1632H-R150F

  • AI
    The **RL1632H-R150F** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It is manufactured by Susumu as part of their RL series. --- ### 1. Part Number Breakdown To understand the component, we can decode the part number suffix by suffix: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **RL** | Series Name | Low resistance chip resistors (Current sense). | | **1632** | Case Size | 3.2mm x 1.6mm (Metric 3216 / Imperial 1206). | | **H** | Power Rating | Indicates "High Power" (typically 0.5W for this size). | | **R150** | Resistance Value | **0.150 $\Omega$** (150 m$\Omega$). | | **F** | Tolerance | **±1%** accuracy. | --- ### 2. Technical Specifications This component is designed specifically for power management and feedback loops. * **Resistance:** 150 m$\Omega$ (0.15 Ohms). * **Power Rating:** 0.5 Watts (1/2 W). * **Tolerance:** ±1.0%. * **Temperature Coefficient (TCR):** Usually ±100 ppm/°C (ensures stability during heating). * **Operating Temperature:** -55°C to +155°C. * **Mounting Type:** Surface Mount (SMD/SMT). --- ### 3. Key Features and Construction * **Metal Foil / Thick Film:** These resistors use a specialized metal foil or thick film element to achieve very low resistance values with high stability. * **Long-Side Terminal (Optional):** While the 1632 is standard, some RL series use long-side terminations to improve heat dissipation and reduce parasitic inductance. * **Current Sensing:** Because the resistance is so low, it is used to measure current by measuring the voltage drop across it ($V = I \times R$). --- ### 4. Common Applications 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or EVs. 2. **DC-DC Converters:** Providing feedback for voltage regulation. 3. **Motor Control:** Detecting overcurrent conditions to protect the motor. 4. **Mobile Devices:** Managing power distribution in smartphones and tablets. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RL and PRL series from Susumu?
    • ⤷ How does temperature affect the accuracy of a 0.150 ohm resistor in a high-power circuit?
    • ⤷ Can this resistor be used in an automotive environment (AEC-Q200)?