전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RLT1632-F-R100J

  • AI
    The **RLT1632-F-R100J** is a precision **Current Sense Resistor** (also known as a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop that can be monitored by a circuit. Below is the technical breakdown of the part based on its nomenclature and typical industry standards for the RLT series. --- ### 1. Technical Specifications The part number can be decoded to reveal its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | RLT | Low Resistance / Current Sensing series. | | **Case Size** | 1632 | Metric: 1.6mm x 3.2mm (Equivalent to **1206 Imperial**). | | **Tolerance** | F | **±1%** Accuracy. | | **Resistance Value** | R100 | **0.1 Ohms** (100 mΩ). | | **Packaging/Suffix** | J | Standard Tape & Reel packaging. | --- ### 2. Key Electrical Features * **Low Resistance Value:** At 0.1Ω, it minimizes power dissipation ($P = I^2R$) while providing enough voltage for an amplifier to read. * **High Power Rating:** Usually rated between **0.5W to 1W** (depending on the specific manufacturer, e.g., Susumu or Cyntec), which is higher than standard thick-film resistors of the same size. * **Long-Side Terminations:** The "1632" indicates the width is larger than the length. This "wide terminal" construction improves heat dissipation and reduces parasitic inductance. * **Low TCR:** (Temperature Coefficient of Resistance) Typically low, ensuring the resistance value stays stable even as the component heats up. --- ### 3. Internal Construction These components are generally manufactured using **Metal Foil** or **Thick Film on Ceramic** technology. 1. **Protective Coating:** Epoxy or glass layer to prevent oxidation. 2. **Resistive Element:** A specialized metal alloy (like Manganese-Copper) calibrated to exactly 100mΩ. 3. **Terminations:** Solderable end-caps designed for Surface Mount Technology (SMT). --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or EVs. * **DC-DC Converters:** Providing feedback loops for over-current protection. * **Motor Control:** Detecting stalls or regulating torque by measuring phase current. * **Power Supplies:** Ensuring the output current remains within safe operating limits.
    ✨ Follow-up Questions
    • ⤷ How does the 'wide terminal' design affect heat dissipation compared to standard 1206 resistors?
    • ⤷ What is the maximum current this resistor can handle at a 1W power rating?
    • ⤷ How do I calculate the voltage drop across this resistor if the load is 2 Amps?