전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RLW2012-4-R010F

  • AI
    ### RLW2012-4-R010F: Electronic Component Overview The **RLW2012-4-R010F** is a specialized surface-mount (SMD) resistor. It belongs to the **Current Sensing Resistor** category, specifically designed for low-resistance applications where high precision and wide terminals are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **RLW** | Series Name | Wide Terminal Thin Film Low Ohmic Resistor | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (equivalent to 0805 Imperial) | | **4** | Terminal Type | 4-Terminal (Kelvin Connection) / Power Rating | | **R010** | Resistance Value | 0.010 $\Omega$ (10 m$\Omega$) | | **F** | Tolerance | $\pm$1% | --- ### 2. Key Technical Specifications Below are the typical electrical parameters for this component: * **Resistance Value:** 0.01 $\Omega$ (10 milliohms). * **Power Rating:** Typically **0.75W to 1W** (Power is enhanced due to the wide terminal design which improves heat dissipation). * **Tolerance:** $\pm$1%. * **Temperature Coefficient (TCR):** Usually $\pm$100 ppm/°C (varies by specific manufacturer, e.g., Susumu or Cyntec). * **Operating Temperature:** -55°C to +155°C. --- ### 3. Distinctive Features #### Wide Terminal Design Unlike standard resistors where the terminals are on the short sides, "Wide Terminal" resistors have contacts on the long sides. This provides: 1. **Improved Heat Dissipation:** Larger solder joints allow heat to flow more efficiently into the PCB. 2. **Higher Power Density:** Allows a small 2012 footprint to handle power levels usually reserved for larger 3216 or 5025 sizes. 3. **Mechanical Reliability:** Better resistance to thermal cycling and PCB bending. #### Low Ohmic / Current Sensing With a resistance of only 10m$\Omega$, this part is used to measure current. By measuring the voltage drop ($V = I \times R$) across this resistor, the system controller can calculate the current flowing through the circuit. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **DC-DC Converters:** Providing feedback for current-mode control. * **Motor Control:** Detecting over-current conditions. * **Power Supplies:** Load regulation and protection. --- ### 5. Layout Recommendations When using the RLW2012-4-R010F, it is critical to use a **4-wire (Kelvin) connection** if the PCB footprint supports it. This separates the "Current Path" from the "Voltage Sense Path," ensuring that the resistance of the solder joints and PCB traces does not interfere with the accuracy of the 10m$\Omega$ measurement.
    ✨ Follow-up Questions
    • ⤷ What is the advantage of a 4-terminal Kelvin connection in low-resistance sensing?
    • ⤷ How does a wide terminal resistor compare to a standard 0805 resistor in terms of power handling?
    • ⤷ Which manufacturers typically produce the RLW series resistors?