전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RLW2012-4-R020F

  • AI
    The **RLW2012-4-R020F** is a high-precision, low-resistance current sensing resistor, typically used in power management and current detection circuits. This specific part belongs to the "Wide Terminal" series, which enhances its power handling and thermal stability. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its core specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **RLW** | Series Name | Wide Terminal Current Sensing Resistor | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (equivalent to 0805 Imperial) | | **4** | Terminal Type | 4-Terminal (Kelvin) or Power Rating code* | | **R020** | Resistance Value | 0.020 $\Omega$ (20 m$\Omega$) | | **F** | Tolerance | $\pm$1% | *\*Note: In wide-terminal series, the "4" often refers to the specific physical construction or power rating associated with the wide-side terminations.* --- ### 2. Key Technical Specifications The RLW2012 series is designed to handle higher power than standard resistors of the same footprint by dissipating heat through wider solder joints. * **Resistance:** 20 m$\Omega$ (0.020 Ohms). * **Power Rating:** Typically 0.5W to 1W (depending on manufacturer, standard 0805 is usually 0.125W). * **Operating Temperature:** -55°C to +155°C. * **Temperature Coefficient (TCR):** Usually low (e.g., ±100ppm/°C) to ensure accuracy across temperature fluctuations. --- ### 3. Structural Features: Wide Terminal Design Unlike standard resistors where the terminals are on the short sides, the **RLW (Wide Terminal)** series has terminations on the long sides. This provides several advantages: 1. **Lower Thermal Resistance:** The larger contact area allows heat to flow more efficiently into the PCB copper traces. 2. **Increased Power Density:** Can handle more current without increasing the physical footprint. 3. **Improved Solder Reliability:** Reduced mechanical stress on solder joints due to thermal expansion. --- ### 4. Common Applications Because of its low resistance and high accuracy, this part is used in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **DC-DC Converters:** Sensing output current for feedback loops. * **Motor Control:** Detecting phase currents to prevent over-current conditions. * **Mobile Devices:** Precision power monitoring for CPU/GPU rails. --- ### 5. Equivalent Footprint Example In a PCB design environment (like Altium or KiCad), the footprint would look like this conceptually: ```markdown Standard 0805: [ == ] (Terminals on ends) Wide 2012: [ || ] (Terminals on long sides) ```
    ✨ Follow-up Questions
    • ⤷ What is the advantage of a 4-terminal Kelvin connection vs this wide terminal design?
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ Which manufacturers produce the RLW2012 series equivalents?