RLW2012-6-R005F
AI

The **RLW2012-6-R005F** is a high-precision, low-resistance current sensing resistor, typically manufactured by companies like **Susumu** (RLW series). It is specifically designed for power management and current detection applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its physical and electrical characteristics:
| Code | Component Detail | Description |
| :--- | :--- | :--- |
| **RLW** | Series | Wide terminal, low resistance chip resistor |
| **2012** | Package Size | Metric 2012 (Imperial **0805**) |
| **6** | Power Rating | Indicates high power (approx. 0.5W to 1W depending on series spec) |
| **R005** | Resistance Value | **0.005 $\Omega$** (5 m$\Omega$) |
| **F** | Tolerance | **±1%** |
---
### 2. Key Technical Specifications
This part is unique because it features **Wide Terminals** (the electrodes are on the long sides of the chip), which improves heat dissipation and reduces parasitic inductance.
* **Resistance:** 5 m$\Omega$ (Milliohms).
* **Tolerance:** ±1.0%.
* **Configuration:** Wide terminal (Reverse Geometry).
* **Temperature Coefficient (TCR):** Usually low (e.g., ±100 ppm/°C), ensuring stability across temperature changes.
* **Operating Temperature:** Typically -55°C to +155°C.
---
### 3. Advantages of the RLW Series
The "Wide Terminal" design provides several engineering benefits:
1. **High Power Handling:** By placing terminals on the long side, the thermal path to the PCB is shortened, allowing for a higher power rating than standard 0805 resistors.
2. **Solder Joint Reliability:** The larger contact area reduces stress caused by thermal expansion (CTE mismatch).
3. **Low Inductance:** Ideal for high-frequency switching power supplies where parasitic inductance can cause measurement noise.
---
### 4. Common Applications
Due to its very low resistance (5m$\Omega$), it is primarily used as a **Shunt Resistor** to measure current flow by monitoring the voltage drop across it ($V = I \times R$).
* **DC-DC Converters:** Sensing output current for regulation.
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or mobile devices.
* **Motor Control:** Detecting over-current conditions.
* **Automotive Electronics:** Power distribution units.
---
### 5. Footprint Comparison (Metric vs Imperial)
| Unit | Length | Width |
| :--- | :--- | :--- |
| **Metric (2012)** | 2.0 mm | 1.25 mm |
| **Imperial (0805)** | 0.08 in | 0.05 in |
---
- ⤷
How does the wide terminal design improve heat dissipation compared to standard resistors?
- ⤷ What are the typical power rating limits for the RLW2012 series?
- ⤷ Can this resistor be used in AEC-Q200 automotive applications?