RM-07-T-R
AI

The **RM-07-T-R** typically refers to a high-precision, surface-mount (SMD) thick film chip resistor, often following the naming conventions used by manufacturers like **ASJ** or **Rohm**.
Below is the detailed breakdown of its electronic specifications and characteristics.
---
### 1. Specification Overview
The part number is alphanumeric, where each segment represents a specific physical or electrical property.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Thick Film Chip Resistor | Reliable technology for general-purpose circuitry. |
| **Size Code (07)** | 0805 (Imperial) | Dimensions: approx. 2.0mm x 1.25mm. |
| **Resistance Value** | Variable | Typically defined by the middle digits in a full SKU. |
| **Tolerance (T)** | ±1% (F) or ±5% (J) | "T" often signifies the packaging/temperature coefficient. |
| **Packaging (R)** | Tape & Reel | Supplied on a 7-inch reel for automated SMT assembly. |
---
### 2. Key Physical Characteristics
* **Dimensions:** For the "07" (0805) size:
* Length: 2.00 ± 0.10 mm
* Width: 1.25 ± 0.10 mm
* Height: 0.50 ± 0.10 mm
* **Termination:** Lead-free (Sn) finish on a nickel barrier layer to prevent "leaching" during soldering.
* **Substrate:** High-purity Alumina (Al2O3) ceramic.
---
### 3. Electrical Performance
Thick film resistors of this series generally adhere to the following standards:
1. **Power Rating:** Usually **0.125W (1/8W)** at 70°C.
2. **Maximum Working Voltage:** Typically **150V**.
3. **Temperature Coefficient (TCR):** Usually **±100 ppm/°C** to **±400 ppm/°C**, depending on the specific resistance value.
4. **Operating Temperature Range:** -55°C to +155°C.
---
### 4. Typical Applications
The RM series is highly versatile and found in:
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Industrial Controls:** Power supplies and sensor interfaces.
* **Automotive:** Non-safety critical interior electronics (unless AEC-Q200 qualified).
---
### 5. Part Number Decoding Example
If the full code were `RM-07-1002-F-T-R`:
```text
RM -> Series (Thick Film)
07 -> Size (0805)
1002 -> Resistance (10k Ohms)
F -> Tolerance (±1%)
T -> Temperature Coefficient / Special Code
R -> Taping / Reel
```
- ⤷
What is the difference between 0805 and 0603 resistor sizes?
- ⤷ Does the RM-07-T-R comply with RoHS standards?
- ⤷ How do I calculate the maximum current for this resistor?