전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RMJ-K-R

  • AI
    The **RMJ-K-R** refers to a specific type of **Standard Size Thermocouple Connector (Jack)**. It is primarily used in industrial temperature measurement and control systems. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Overview The part number follows a standard naming convention in the thermal sensing industry (often associated with brands like Omega or RS Pro): | Feature | Specification | | :--- | :--- | | **Type** | Thermocouple Connector (Jack/Female) | | **Calibration** | Type K (Chromel / Alumel) | | **Size** | Standard (Round Pin compatible) | | **Contact Material** | True Thermocouple Alloys (Positive: Chromel / Negative: Alumel) | | **Mounting Style** | Panel Mount (typically via a circular hole or clip) | | **Color Code** | Yellow (ANSI Standard for Type K) | --- ## 2. Component Breakdown ### A. Material Composition To maintain measurement accuracy, the internal contacts are not just copper; they are made of the actual thermocouple alloys: * **Positive Terminal (+):** Chromel (Nickel-Chromium) * **Negative Terminal (-):** Alumel (Nickel-Aluminum) * **Insulation:** High-quality thermoplastic or glass-filled nylon (usually rated up to 220°C / 425°F). ### B. The "R" Suffix In this specific part number, the **"R"** typically stands for **Round**. This indicates the shape of the connector body or the mounting hole requirement. Unlike rectangular "miniature" connectors, these are designed for rugged, high-duty environments. ### C. Electrical Characteristics * **Voltage Range:** Low voltage (Millivolt signals generated by Seebeck effect). * **Error Limits:** Standard limits of error as per ANSI MC96.1 or IEC 584. * **Connection Type:** Screw-down terminals internally for securing lead wires. --- ## 3. Application Use Cases The RMJ-K-R is commonly found in: 1. **Industrial Ovens:** Connecting probes to control panels. 2. **Laboratory Equipment:** Interfacing sensors with data loggers. 3. **HVAC Systems:** Monitoring high-temperature exhaust or boiler outputs. --- ## 4. Comparison: Standard vs. Miniature | Feature | RMJ-K-R (Standard) | Miniature Series | | :--- | :--- | :--- | | **Pin Shape** | Large Round Pins | Small Flat Blades | | **Durability** | High (Vibration resistant) | Moderate (Space saving) | | **Mounting** | Panel / Bulkhead | PCB or Cable-end | ---
    ✨ Follow-up Questions
    • ⤷ What are the temperature limits for the RMJ-K-R connector housing?
    • ⤷ Does the RMJ-K-R support polarized pins to prevent reverse polarity?
    • ⤷ What is the difference between ANSI yellow and IEC green color coding for Type K?