전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RP-04-R

  • AI
    The **RP-04-R** typically refers to a specific model of an **Active Piezoelectric Buzzer** (or a similar series of audible alarm indicators). These components are designed to convert electrical energy into acoustic energy using the piezoelectric effect. Below is a breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications While specific manufacturers may vary slightly, the standard RP-04-R series generally adheres to the following parameters: | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 12V DC (Commonly 3V - 24V range) | | **Operating Voltage** | 3V to 20V DC | | **Current Consumption** | Max 10mA - 15mA | | **Sound Pressure Level (SPL)** | $\geq$ 85dB at 10cm | | **Resonant Frequency** | 3,100 Hz $\pm$ 500Hz | | **Tone Nature** | Single / Continuous Tone | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Internal Electronic Components The "R" in the suffix often denotes a **RoHS compliant** version or specific pin configuration. Internally, the RP-04-R consists of: * **Piezoelectric Ceramic Disk:** The heart of the part. It consists of a ceramic layer bonded to a metal plate (usually brass or stainless steel). When voltage is applied, the ceramic deforms, vibrating the plate to create sound. * **Oscillator Circuit:** Unlike "passive" buzzers, the RP-04-R is an **active** buzzer. It contains an internal transistor-based oscillating circuit. This means it produces sound immediately when connected to a DC power source without needing an external PWM signal. * **Housing (Casing):** Usually made of Noryl or PBT plastic, designed with a sound port (hole) to resonate and amplify the sound frequency. --- ### 3. Connection and Integration The device is typically a **Through-Hole** component with two pins: 1. **Positive (+):** Long lead or marked with a (+) sign. Connect to the DC supply. 2. **Negative (-):** Short lead. Connect to the ground (GND). #### Simple Circuit Example To control it with a microcontroller (like an Arduino), a transistor is used to handle the current: ```cpp // Simple code snippet to trigger an RP-04-R int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ``` --- ### 4. Typical Applications * **Household Appliances:** Microwave beeps or washing machine alerts. * **Industrial Equipment:** Error notifications or status indicators. * **Security Systems:** Panel alerts or entry/exit chimes. * **Computer Peripherals:** Motherboard "POST" code beepers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an active buzzer like the RP-04-R and a passive buzzer?
    • ⤷ Can I use pulse-width modulation (PWM) to change the pitch of an RP-04-R?
    • ⤷ What are the mounting variations available for this series?