전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RP-05-R

  • AI
    The **RP-05-R** refers to a specific series of miniature, through-hole **passive buzzers** (also known as electromagnetic transducers). These components are widely used in consumer electronics for sound signaling and alerts. --- ### 1. Key Technical Specifications The RP-05-R is categorized as an **External Drive** electromagnetic buzzer. Unlike an "active" buzzer, it requires an external oscillating signal to produce sound. | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 3.0 Vp-p | | **Operating Voltage** | 2.0 ~ 5.0 Vp-p | | **Current Consumption** | Max 80 mA | | **Coil Resistance** | 25 ± 4 Ω | | **Sound Pressure Level (SPL)** | Min 80 dB (at 10cm) | | **Resonant Frequency** | 4,000 Hz | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Internal Components & Construction The RP-05-R consists of several integrated electronic and mechanical parts: 1. **Magnet:** A permanent magnet that provides a steady magnetic field. 2. **Voice Coil:** A small coil of wire wrapped around a core. When current passes through, it creates a fluctuating magnetic field. 3. **Vibrating Diaphragm:** A thin metal plate (usually iron or steel) that is attracted and released by the magnetic field, creating sound waves. 4. **Housing (Case):** Typically made of PBT (Polybutylene Terephthalate) or high-temperature plastic to protect internal parts. 5. **Pins:** Tin-plated brass leads for through-hole PCB mounting. --- ### 3. Circuit Integration Because the RP-05-R is a **passive transducer**, you cannot simply apply DC power to it. You must drive it with a square wave. #### Basic Driving Circuit To prevent damaging a microcontroller (like an Arduino) due to current draw, a transistor switching circuit is recommended: ```text VCC (3V-5V) | +----[ Buzzer RP-05-R ]----+ | |/ (NPN Transistor) PWM Signal ---[ Resistor ]--| (e.g., 2N2222) |> | GND ``` --- ### 4. Application Areas * **Medical Devices:** Pulse monitors or alert systems. * **Appliances:** Feedback beeps for microwave buttons or washing machines. * **Computing:** Motherboard POST code "beeps." * **Handheld Devices:** Battery low indicators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RP-05-R and an active buzzer?
    • ⤷ How do I calculate the correct resistor value for the transistor base?
    • ⤷ Can the RP-05-R play musical melodies or just beeps?