전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RP-10-R

  • AI
    The **RP-10-R** is typically identified as a specialized **rotary potentiometer** or a **position sensor**, often used in industrial control systems, heavy machinery, or specialized audio-visual equipment. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The RP-10-R is designed for high reliability and precision. While specific values can vary by manufacturer (such as Sakae or Vishay), the general electronic profile is as follows: | Feature | Specification | | :--- | :--- | | **Element Type** | Conductive Plastic (usually) or Wirewound | | **Resistance Range** | Typically 1kΩ, 5kΩ, or 10kΩ | | **Tolerance** | ±10% to ±15% | | **Linearity** | ±0.5% to ±1.0% | | **Power Rating** | 0.2W to 0.5W at 40°C | | **Rotation Angle** | 360° continuous (Electronic travel approx. 340°) | --- ### 2. Key Electronic Components #### A. The Resistive Element The "R" in the suffix often denotes the **Resistive** nature of the component. * **Conductive Plastic:** Most RP-10 models use a film of conductive plastic. This provides an almost infinite resolution and a very long operational life (millions of cycles) compared to carbon-track potentiometers. * **Linear Output:** It is designed to provide a linear voltage change proportional to the shaft angle. #### B. The Wiper Assembly The internal wiper is the moving contact that slides across the resistive element. * **Multi-finger Contacts:** To prevent signal "noise" or "crackle," high-end RP-10 units use precious metal multi-finger wipers to ensure constant contact even under vibration. #### C. Terminal Configuration The device usually features three gold-plated or solder-lug terminals: 1. **Terminal 1:** Input Voltage (Vcc) 2. **Terminal 2:** Output Signal (Wiper) 3. **Terminal 3:** Ground (GND) --- ### 3. Application Circuit Example In a standard electronic setup, the RP-10-R acts as a **Voltage Divider**. ```cpp // Typical Arduino-based reading of an RP-10-R sensor int sensorPin = A0; // Connected to Terminal 2 int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { // Read the analog voltage (0-5V mapped to 0-1023) sensorValue = analogRead(sensorPin); Serial.println(sensorValue); delay(100); } ``` --- ### 4. Mechanical & Environmental Features * **Housing:** Usually an aluminum or high-grade plastic housing to provide EMI shielding. * **Bearings:** Often equipped with precision ball bearings to minimize torque and mechanical wear. * **IP Rating:** Depending on the variant, it may be sealed against dust and moisture (IP65). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational lifespan of the RP-10-R in cycles?
    • ⤷ How does the RP-10-R compare to a digital optical encoder?
    • ⤷ Can the RP-10-R be used in high-temperature environments above 80°C?