전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RR-V8VC-16PR-R1

  • AI
    The **RR-V8VC-16PR-R1** is the model number for the **Cooler Master V8 GTS**, a high-performance CPU air cooler known for its "muscle car" engine aesthetic. From an electronic and electromechanical standpoint, its primary complexity lies in its fan system and the cooling technology integration. ### 1. Technical Specifications Table | Component | Specification | | :--- | :--- | | **Model Number** | RR-V8VC-16PR-R1 | | **Fan Type** | 2x 140mm PWM Fans | | **Bearing Type** | POM Bearing (Polyoxymethylene) - 4th Gen | | **Power Connector** | 4-Pin PWM | | **Rated Voltage** | 12 VDC | | **Power Consumption** | 3.72 W | | **LED Color** | Red (Integrated) | | **MTBF** | 160,000 Hours | --- ### 2. Electronic & Electromechanical Features #### A. Horizontal Vapor Chamber (HVC) While primarily a thermal component, the Vapor Chamber is the "core" of this unit's efficiency. It acts as a massive heat spreader that interfaces directly with the CPU. It utilizes a phase-change cycle (liquid to gas) to move heat away from the processor much faster than solid copper. #### B. 4th Generation POM Bearings The electronic fans utilize Polyoxymethylene (POM) bearings. * **Self-Lubricating:** These are designed to be dustproof and highly resistant to friction. * **Electronic Protection:** The fan circuitry usually includes "Smart Fan Engine" features that stop the fan if it becomes obstructed to prevent motor burnout. #### C. PWM (Pulse Width Modulation) Control The fans utilize a **4-pin PWM interface**. * **Pin 1:** Ground * **Pin 2:** +12V Power * **Pin 3:** Tachometer (Speed Signal sent to Motherboard) * **Pin 4:** PWM Control Signal (Duty cycle signal sent from Motherboard) This allows the PC to electronically adjust the fan speed from 600 RPM to 1,600 RPM based on real-time thermal data. #### D. Integrated LED Circuitry The "GTS" look is achieved through integrated Red LEDs. These are wired in parallel with the fan's power source, meaning their brightness often scales with the voltage/RPM if using DC control, though they remain consistent under PWM control. --- ### 3. Wiring Diagram Concept The unit typically includes a "Y-splitter" cable to allow two fans to be powered by a single motherboard CPU_FAN header. ```text Motherboard Header (4-pin) | [Y-Splitter Cable] / \ Fan 1 (140mm) Fan 2 (140mm) (PWM + Red LED) (PWM + Red LED) ```
    ✨ Follow-up Questions
    • ⤷ How does a Horizontal Vapor Chamber differ from standard heat pipes?
    • ⤷ What is the maximum TDP (Thermal Design Power) supported by the V8 GTS?
    • ⤷ Can the red LEDs be controlled via software or are they static?