전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RS3JB

  • AI
    The **RS3JB** is a surface-mount fast recovery rectifier diode. It is commonly used in power supplies, inverters, and freewheeling applications where high efficiency and high voltage handling are required in a compact form factor. --- ### 1. Key Technical Specifications The "RS3JB" naming convention typically follows standard industry parameters for the RS3 series. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Package Type** | SMB (DO-214AA) | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 V | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 150 - 250 ns | | **Peak Forward Surge Current ($I_{FSM}$)** | 100 A | | **Operating Junction Temperature** | -55 to +150 °C | --- ### 2. Physical and Mechanical Attributes The RS3JB is designed for automated surface mount assembly. * **Case Material:** Molded plastic, UL Flammability Classification 94V-0. * **Terminals:** Solderable per MIL-STD-750, Method 2026. * **Polarity:** Color band denotes cathode end. * **Space Efficiency:** The SMB package is larger than SMA but smaller than SMC, offering a balance between power dissipation and board space. --- ### 3. Functional Features * **Fast Switching:** The "Fast Recovery" characteristic means the diode can transition from a conducting state to a blocking state quickly, reducing power loss during high-frequency switching. * **High Current Capability:** Capable of handling up to 3A, making it suitable for medium-power DC-DC converters. * **Glass Passivated Junction:** Enhances reliability and stability under high-temperature conditions. --- ### 4. Common Applications The RS3JB is found in various electronic circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in high-frequency stages. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect components from inductive spikes. 3. **Inverters:** Manages current flow in motor control or solar power conversion. 4. **Reverse Polarity Protection:** Protects sensitive DC circuits from battery reversal. --- ### 5. Part Number Breakdown Typically, the nomenclature works as follows: * **RS:** Rectifier, Surface Mount (Fast Recovery). * **3:** Indicates the 3.0 Ampere current rating. * **J:** Represents the voltage code (J = 600V). * **B:** Indicates the SMB package type.
    ✨ Follow-up Questions
    • ⤷ What is the difference between RS3JB and RS3MB?
    • ⤷ Can I use an RS3JB in a 1MHz switching circuit?
    • ⤷ What are the thermal considerations for mounting an RS3JB on a PCB?