전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RS6-R30

  • AI
    The **RS6-R30** is a specific model within the high-performance radar sensor lineup produced by **Nanowave Technologies Inc.**, typically used for bird detection, drone tracking, and security surveillance. Below is an overview of the electronic components and technical specifications that define this radar system. --- ### 1. Key Electronic Specifications The system is built on a high-frequency architecture designed for sensitivity and accuracy. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | X-Band (approx. 9.3 – 9.5 GHz) | | **Peak Power Output** | 30 Watts | | **Technology Type** | FMCW (Frequency Modulated Continuous Wave) | | **Detection Range** | Up to 10km (for large aircraft) / 3km (for small drones) | | **Antenna Type** | Microstrip Patch Array | | **Data Interface** | Ethernet / TCP/IP | --- ### 2. Core Electronic Subsystems The RS6-R30 is composed of several critical electronic modules that handle signal generation, transmission, and processing: #### A. Transceiver Module (Tx/Rx) * **Solid-State Power Amplifier (SSPA):** Unlike older vacuum-tube radars, the RS6-R30 uses solid-state technology (likely GaN or GaAs transistors) to provide the 30W output with high reliability and low thermal noise. * **Low Noise Amplifier (LNA):** Located on the receiver end to amplify weak return signals (echoes) from small targets like birds or plastic drones. #### B. Signal Processing Engine * **FPGA/DSP Units:** The "brain" of the unit. It performs real-time Fast Fourier Transforms (FFT) to convert raw radio frequency data into distance and velocity information. * **Clutter Rejection Circuits:** Electronic filters designed to remove "noise" from rain, trees, or waves, allowing the sensor to focus on moving objects. #### C. Power Supply Unit (PSU) * The unit typically operates on DC power (often 24V or 48V). * It includes internal surge protection and voltage regulators to ensure the sensitive microwave components receive a stable current despite external environmental fluctuations. --- ### 3. Physical and Interface Components * **Rotary Joint:** If the model is a scanning variant, it includes a precision electromagnetic rotary joint that allows the antenna to spin 360° while maintaining a constant electronic connection to the stationary base. * **Ruggedized Housing:** The electronics are encased in an IP67-rated enclosure to protect the microwave circuitry from moisture and salt spray. * **Communication Ports:** Uses industrial-grade M12 or RJ45 connectors for high-speed data telemetry to the Command and Control (C2) software. --- ### 4. Typical Applications Because of its 30W power rating and X-band frequency, the RS6-R30 electronics are optimized for: 1. **Avian Detection:** Monitoring bird strike risks at airports. 2. **C-UAS:** Detecting and tracking "Group 1" and "Group 2" Unmanned Aerial Systems. 3. **Border Security:** Detecting human or vehicular movement in remote areas.
    ✨ Follow-up Questions
    • ⤷ What is the difference between X-band and S-band radar electronics?
    • ⤷ How does FMCW technology improve target detection compared to traditional pulse radar?
    • ⤷ Can the RS6-R30 be integrated into existing security software via API?