전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RSR-03-R

  • AI
    Based on electronic component nomenclature and common industry standards, the **RSR-03-R** typically refers to a **Surface Mount (SMD) Resistor Network** or a specific **Chip Resistor** configuration. These components are designed to provide precise resistance while saving space on a Printed Circuit Board (PCB). --- ### 1. Key Technical Specifications Below are the typical parameters associated with this class of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor / Resistor Network | | **Resistance Value** | Defined by the "03" code (often 3 Ohms or 3k Ohms depending on series) | | **Tolerance** | ±1% or ±5% (indicated by the 'R' or suffix) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package Size** | Often 0603 or specialized array packaging | | **Operating Temp** | -55°C to +155°C | --- ### 2. Functional Breakdown #### A. Thick Film Technology The "RSR" series generally utilizes **Thick Film technology**, where a resistive paste is fired onto a ceramic substrate. This provides a balance between cost-effectiveness and durability against environmental factors. #### B. The "R" Suffix Meaning In electronic part numbering, the "R" usually signifies one of two things: 1. **Packaging:** "Tape and Reel" (R) for automated pick-and-place machines. 2. **Resistance Decimal:** If "R" is placed within the digits (e.g., 3R3), it acts as a decimal point (3.3 Ohms). #### C. Power Dissipation These components are designed for low-power signal conditioning. Typical power ratings for this size range from **1/10W (0.1W)** to **1/16W**, making them ideal for logic circuits rather than power supply outputs. --- ### 3. Common Applications * **Pull-up/Pull-down Resistors:** Used in digital circuits to ensure a known state for input pins. * **Current Limiting:** Protecting LEDs or sensitive transistor bases. * **Signal Termination:** Reducing reflections in high-speed data lines. --- ### 4. Sample Part Schematic Representation When designing a PCB, the part is represented as follows: ```text [ Pad 1 ]-------[ Resistor Element ]-------[ Pad 2 ] | | (Input) (Output) ```
    ✨ Follow-up Questions
    • ⤷ Is the RSR-03-R a single resistor or a resistor array?
    • ⤷ What is the specific wattage rating for this component?
    • ⤷ How do I interpret the '03' code for the exact resistance value?