전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RSR-12-R

  • AI
    The **RSR-12-R** refers to a specific series of **Solid State Relays (SSR)**, typically manufactured by companies like **Relpol**. These devices are used to switch electrical loads without the use of moving parts, offering high reliability and fast response times compared to traditional mechanical relays. --- ## 1. Technical Specifications The model name "RSR-12-R" usually breaks down into specific technical parameters: | Feature | Specification | | :--- | :--- | | **Device Type** | Solid State Relay (SSR) | | **Control Voltage** | Typically 4-32V DC (Logic level) | | **Load Current** | 12 Amperes (indicated by the '12') | | **Load Type** | AC (Alternating Current) | | **Switching Mode** | Zero-Crossing or Random-on (R often denotes Random-on) | | **Output Type** | Triac or Thyristor | --- ## 2. Key Internal Components Unlike mechanical relays that use a coil and contacts, the RSR-12-R uses semiconductor technology: ### A. Opto-coupler (Isolation) The input side is electrically isolated from the output side via an internal infrared LED and a photosensitive receiver. This protects the low-voltage controller (like a PLC or Arduino) from high-voltage surges on the load side. ### B. Trigger Circuit This circuit processes the signal from the opto-coupler to fire the output device. * **Zero-crossing:** Waits for the AC sine wave to hit 0V before switching to reduce EMI. * **Random-on (R-suffix):** Switches immediately, which is necessary for phase-control dimming or inductive loads. ### C. Output Switching Device (Triac/Thyristor) The main power component that handles the 12A load. It functions as a high-speed electronic gate. --- ## 3. Advantages vs. Mechanical Relays 1. **Longevity:** No moving parts mean no mechanical wear or contact pitting. 2. **Speed:** Switching happens in microseconds. 3. **Silent Operation:** No "clicking" sound during operation. 4. **No Arcing:** Ideal for explosive or sensitive environments. --- ## 4. Usage Considerations * **Heat Dissipation:** Because semiconductors have internal resistance, they generate heat. At 12A, the RSR-12-R usually requires a **heatsink** to prevent thermal failure. * **Leakage Current:** Even when "off," a tiny amount of current (milliamps) flows through the SSR. * **Snubber Circuit:** Often requires an external RC circuit to protect against high voltage spikes ($dv/dt$).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-crossing and Random-on switching in the RSR series?
    • ⤷ How do I calculate the required heatsink size for a 12A load?
    • ⤷ Can the RSR-12-R be used to control DC loads?