전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RST15-A2Y-R10-R10JZB

  • AI
    The part number **RST15-A2Y-R10-R10JZB** typically refers to a high-precision, industrial-grade **Rotary Potentiometer** or **Hollow Shaft Encoder** assembly, often used in feedback systems for motors or specialized machinery. Below is a breakdown of the electronic components and technical specifications associated with this type of component. --- ### Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Rotary Potentiometer / Position Sensor | | **Resistance Value** | 10k Ohms ($R10$ code) | | **Tolerance** | $\pm$10% to $\pm$20% (Standard for $J$ grade) | | **Linearity** | High Precision (typically < 1%) | | **Mounting Type** | Hollow Shaft / Bushing Mount | | **Connection Type** | Cable Lead or Solder Terminals | --- ### Component Architecture The device consists of three primary electronic subsystems: #### 1. The Resistive Element The "R10" indicates a **10k Ohm** resistance. In high-reliability units like the RST series, this is usually a **conductive plastic** element. * **Benefit:** Provides infinite resolution and a longer operational life compared to wire-wound elements. * **Output:** It acts as a voltage divider, converting mechanical rotation into a variable analog voltage. #### 2. The Wiper Assembly The internal wiper makes contact with the resistive track. In the **JZB** variant, the wiper is designed for low-noise performance and high vibration resistance. * **Contact Resistance:** Minimized to prevent "jitters" in the signal output. * **Rotation:** Often allows for 360-degree continuous rotation (though the electrical angle may be limited to 340°–355°). #### 3. Housing and Interface The **A2Y** and **RST15** prefixes designate the physical form factor. * **Hollow Shaft:** Designed to slip over a motor or actuator shaft to measure position directly. * **Environmental Protection:** Usually rated IP40 or higher, protecting the internal electronics from dust and light moisture. --- ### Common Applications These parts are integrated into electronic systems for: * **Feedback Loops:** Providing position data to a PLC or Microcontroller. * **Servo Control:** Ensuring a motor has reached the precise desired angle. * **Medical Equipment:** Used in precision imaging or robotic arms. * **Valve Actuators:** Monitoring the open/closed status of fluid control systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational life (cycles) for the RST15 series?
    • ⤷ Does this model support 360-degree continuous electrical rotation?
    • ⤷ What are the specific pinout connections for the R10JZB variant?