전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RST60-B2X-R10-R10KZB

  • AI
    The **RST60-B2X-R10-R10KZB** is a specialized precision sensing component, typically associated with **linear potentiometers** or **displacement sensors** used in industrial automation and control systems. Below is a breakdown of the electronic characteristics and specifications typical for this type of part. --- ### 1. General Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Linear Potentiometer / Displacement Sensor | | **Series** | RST60 (Usually indicates a 60mm stroke length) | | **Resistance Value** | 10k $\Omega$ (indicated by "10K") | | **Resistance Tolerance** | ±10% to ±20% (standard for industrial sensors) | | **Linearity** | ±0.1% to ±0.5% (High precision) | | **Output Type** | Analog (Voltage Divider) | | **Operating Temperature** | -30°C to +100°C (typical) | --- ### 2. Electronic Parts Breakdown #### A. The Resistive Element The "R10K" in the part number signifies a **10 kilo-ohm** resistance. This element is usually made of **conductive plastic**. * **Advantage:** Conductive plastic offers a smooth surface, providing nearly infinite resolution and a long mechanical life (millions of cycles) compared to wire-wound versions. #### B. The Wiper Assembly This is the internal moving contact. As the mechanical rod moves, the wiper slides along the resistive element. * **Function:** It acts as a voltage divider. If you apply 10V across the ends, the wiper picks up a voltage between 0V and 10V relative to its position. #### C. Electrical Connection (ZB) The "ZB" suffix often refers to the **Connector Type**. * In many industrial sensors, this indicates a specific plug-in connector (like an M12 or a DIN 43650 connector) rather than loose wires, ensuring a secure, vibration-resistant electrical path. --- ### 3. Application and Usage | Industry | Typical Application | | :--- | :--- | | **Manufacturing** | Monitoring the position of hydraulic or pneumatic cylinders. | | **Automotive** | Testing suspension travel or pedal positioning. | | **Robotics** | Feedback loops for joint movement and positioning. | ### 4. Wiring Diagram (Standard 3-Wire) ```text Pin 1: Input Voltage (Vcc +) Pin 2: Output Signal (Wiper / Variable Voltage) Pin 3: Ground (GND / 0V) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact mechanical stroke length of the RST60 series?
    • ⤷ How do I calibrate this sensor with a PLC?
    • ⤷ What are the environmental protection ratings (IP rating) for the ZB connector version?