전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RT-03-R

  • AI
    The **RT-03-R** typically refers to a specific series of **Rotary Potentiometers** or **Rotary Sensors**, often utilized in consumer electronics, automotive controls, and industrial equipment. These components are designed to convert rotary motion into a measurable change in electrical resistance or signal. --- ### 1. Key Technical Specifications The electrical characteristics of the RT-03-R series define its performance in a circuit: | Parameter | Standard Value/Range | | :--- | :--- | | **Resistance Range** | 1kΩ to 500kΩ (model dependent) | | **Resistance Tolerance** | ±20% | | **Power Rating** | 0.05W - 0.1W | | **Maximum Operating Voltage** | 50V AC / 20V DC | | **Rotational Angle** | 300° ±5° | | **Rotational Life** | 10,000 to 15,000 cycles | --- ### 2. Physical and Electrical Construction The RT-03-R is generally categorized as a **Carbon Film Potentiometer**. Its internal structure consists of: * **Resistive Element:** A circular track of carbon composition. * **Wiper:** A metal contact that slides along the carbon track as the shaft turns. * **Terminals:** Usually three pins (Input, Output/Wiper, and Ground). * **Mounting:** Often features a "Snap-in" or "Through-hole" PCB mount design. The "R" in the suffix frequently denotes a **Right-Angle** mounting orientation. --- ### 3. Pinout Configuration In a standard 3-pin configuration, the functionality is as follows: 1. **Pin 1 (Left):** Connected to the Ground (GND) or Low potential. 2. **Pin 2 (Center):** The **Wiper**. This provides the variable voltage output based on the position of the knob. 3. **Pin 3 (Right):** Connected to the Input Voltage ($V_{in}$). --- ### 4. Common Applications Due to its compact size and reliability, the RT-03-R is found in: * **Audio Equipment:** Volume and tone controls for speakers or amplifiers. * **Household Appliances:** Temperature or timer settings on small appliances. * **Instrument Panels:** Dimmer switches and adjustment knobs in industrial interfaces. --- ### 5. Troubleshooting Tips If an RT-03-R component fails, it usually exhibits one of the following issues: * **Electrical Noise:** "Scratchy" sounds in audio or flickering values; usually caused by dust or oxidation on the carbon track. * **Open Circuit:** No continuity between pins; often caused by a worn-out wiper or a cracked resistive element. * **Mechanical Resistance:** The shaft becomes difficult to turn due to grease drying out or physical damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between linear and logarithmic tapers in the RT-03 series?
    • ⤷ How do I test an RT-03-R using a digital multimeter?
    • ⤷ Are there waterproof versions of this rotary sensor available?