전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RT-100A-R

  • AI
    The **RT-100A-R** typically refers to a high-performance **Fiber Optic Receiver** module (often associated with brands like Ruby or specialized industrial telecommunication suppliers). These devices are designed to convert optical signals back into electrical signals. Below is a breakdown of the electronic components and technical specifications characteristic of this module. ### 1. Core Electronic Architecture The internal circuitry of the RT-100A-R is generally divided into three main stages: | Stage | Component | Function | | :--- | :--- | :--- | | **Input Stage** | PIN Photodiode | Detects incoming light (photons) and converts it into a weak electrical current. | | **Amplification** | Transimpedance Amplifier (TIA) | Converts the low-level current from the photodiode into a usable voltage signal. | | **Output Stage** | Quantizer / Buffer | Reshapes the signal to ensure it meets standard logic levels (TTL/CMOS) for the host PCB. | --- ### 2. Technical Specifications The "R" suffix specifically denotes the **Receiver** unit in a transceiver pair. Its electronic performance is defined by the following parameters: * **Operating Wavelength:** Usually optimized for **650nm** (Red Light) when used with Plastic Optical Fiber (POF). * **Data Rate:** Typically supports speeds up to **10 Mbps - 50 Mbps**, depending on the specific revision. * **Supply Voltage ($V_{cc}$):** Generally operates on a standard **+5V** DC rail. * **Sensitivity:** High sensitivity to ensure low Bit Error Rates (BER) even over maximum fiber lengths (typically up to 50 meters). --- ### 3. Pinout Configuration Most modules in this series utilize a standard 3-pin or 4-pin SIP (Single In-line Package) layout: | Pin Number | Label | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Power Supply (+5V) | | 2 | **GND** | Ground Reference | | 3 | **Data Out** | The recovered electrical digital signal | | 4 | **NC/Shield** | Not Connected or Case Ground (optional) | --- ### 4. Key Electronic Features * **Integrated Shielding:** The internal components are often housed in a metal-shielded case to prevent Electromagnetic Interference (EMI) from disrupting the high-speed data. * **TTL Compatibility:** The output is directly compatible with microcontrollers (like Arduino/ESP32) and standard logic gates without needing additional level shifters. * **Automatic Gain Control (AGC):** Many versions include internal AGC to handle varying strengths of incoming light without saturating the circuit. --- ### 5. Application Context The RT-100A-R is commonly found in: 1. **Industrial Automation:** Isolation of control signals in high-voltage environments. 2. **Audio Equipment:** Digital audio transmission (TOSLINK-style protocols). 3. **Medical Equipment:** Providing galvanic isolation between patients and high-voltage power sources.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transmission distance for the RT-100A-R?
    • ⤷Can the RT-100A-R be used with Single-Mode glass fiber?
    • ⤷What is the difference between the RT-100A-R and the RT-100A-T?