전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RT8800AGQV

  • AI
    ### RT8800AGQV Technical Overview The **RT8800AGQV** is a high-performance, multi-phase synchronous buck controller manufactured by Richtek Technology. It is primarily designed to power high-current microprocessors, such as those used in desktop computers, servers, and industrial workstations. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Controller Type** | Multi-Phase PWM Controller | | **Phase Count** | Up to 4-Phase | | **Input Voltage Range** | 5V to 12V | | **Output Voltage Range** | 0.8V to 1.6V (VID Programmable) | | **Package Type** | VQFN-40L 6x6 (Green) | | **Control Method** | Current Mode (Constant On-Time/Fixed Frequency) | | **Protections** | OVP, UVP, OTP, OCP | --- ### 2. Core Functional Components The internal architecture of the RT8800AGQV consists of several critical electronic sections: #### A. VID (Voltage Identification) DAC The device features a built-in DAC that reads digital signals from the CPU to set the output voltage. It typically supports **Intel VR10/VR11** and **AMD 6-bit** VID codes, allowing the processor to dynamically adjust its power levels. #### B. Phase Interleaving Logic Instead of all MOSFETs turning on at once, the controller staggers the switching timing of each phase. * **Benefit:** Reduces input ripple current and output voltage ripple. * **Benefit:** Lowers the physical size requirement for output capacitors. #### C. Error Amplifier and Compensation The RT8800AGQV uses high-bandwidth error amplifiers to maintain a stable output voltage under extreme load transients (sudden changes in CPU activity). #### D. Current Sensing and Load Line It supports both **Inductor DCR sensing** (cheaper, utilizes the resistance of the inductor) or **Resistor sensing** (more accurate). This is used for: 1. **Current Balancing:** Ensuring each phase carries an equal load. 2. **Adaptive Voltage Positioning (AVP):** Often called "Droop," which lowers the voltage slightly as current increases to keep the CPU within thermal limits. --- ### 3. Application Circuit Components To build a functional power supply using the RT8800AGQV, the following external parts are required: 1. **Gate Drivers (e.g., RT9605):** The RT8800A is a controller, not a power stage. It requires external driver ICs to switch the high-side and low-side MOSFETs. 2. **Power MOSFETs:** High-current N-Channel MOSFETs for each phase. 3. **Inductors:** High-current power inductors (one per phase). 4. **Capacitors:** A mix of polymer/tantalum and ceramic capacitors for input/output filtering. --- ### 4. Typical Pins and Their Functions | Pin Name | Function | | :--- | :--- | | **PWM1-4** | Output signals to the external Gate Drivers. | | **ISP/ISN** | Current sense inputs for balancing and protection. | | **FB/COMP** | Feedback and loop compensation nodes. | | **EN** | Chip enable signal. | | **PGOOD** | Power good indicator (logic high when voltage is within range). |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RT8800A and the RT8800B variants?
    • ⤷ Can you provide a typical application circuit diagram description for a 3-phase setup?
    • ⤷ How does Inductor DCR sensing work in this controller compared to resistor sensing?